Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J5FS-03V-KX Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # J5FS-03V-KX
Description  11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

J5FS-03V-KX Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  J5FS-03V-KX Datasheet HTML 1Page - List of Unclassifed Manufacturers J5FS-03V-KX Datasheet HTML 2Page - List of Unclassifed Manufacturers J5FS-03V-KX Datasheet HTML 3Page - List of Unclassifed Manufacturers J5FS-03V-KX Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
JFA CONNECTOR/J5000 SERIES
Material and Finish
Copper alloy (superior conductivity), nickel-undercoated, selective gold-plated
Applicable wire
Nominal
mm2
AWG#
Q’ty
SJ5F-71GF-M6.5
SJ5F-81GF-M6.5
SJ5F-91GF-M6.5
BJ5F-71GF-M6.5
LJ5F-81GF-M6.5
LJ5F-91GF-M6.5
S
M
L
1.25
∼2.0
3.5
∼5.5
8.0
16
∼14
12
∼10
8
3.1
∼4.0
4.0
∼5.3
7.2
∼8.2
200
150
100
reel
800
600
450
Box(Loose piece)
Strip contact
Loose piece
Model No.
Insulation O.D.
(mm)
2
T
S
J
28.0
10.0
Material and Finish
Copper alloy (superior conductivity), nickel-undercoated, selective gold-plated
Applicable wire
Nominal
mm2
AWG#
Q’ty
SJ5M-71GF-M6.5
SJ5M-81GF-M6.5
SJ5M-91GF-M6.5
BJ5M-71GF-M6.5
LJ5M-81GF-M6.5
LJ5M-91GF-M6.5
S
M
L
1.25
∼2.0
3.5
∼5.5
8.0
16
∼14
12
∼10
8
3.1
∼4.0
4.0
∼5.3
7.2
∼8.2
200
150
100
reel
800
600
450
Box(Loose piece)
Strip contact
Loose piece
Model No.
Insulation O.D.
(mm)
35.0
14.0
The combination of the J5200 series.
Panel mounting type
Panel mounting type
Receptacle housing
Single-row
2, 3 circuits
(J5200S)
Double-row
4, 6 circuits
(J5200M)
Single-row
2, 3 circuits
(J5200S)
Double-row
4, 6 circuits
(J5200M)
X
X
X
X
Y
Y
Y
Y
X type
J5FS-
■■V-KX
Y type
J5FS-
■■V-KY
XX type
J5FM-
■■V-KXX
YY type
J5FM-
■■V-KYY
XY type
J5FM-
■■V-KXY
Tab housing
X type
J5MSP-
■■V-KX
Y type
J5MSP-
■■V-KY
XX type
J5MMP-
■■V-KXX
YY type
J5MMP-
■■V-KYY
XY type
J5MMP-
■■V-KXY
Note: Number of circuits is indicated in
■■.
The combination of the J5200 series.
Panel mounting type
Panel mounting type
Receptacle housing
Single-row
2, 3 circuits
(J5200S)
Double-row
4, 6 circuits
(J5200M)
Single-row
2, 3 circuits
(J5200S)
Double-row
4, 6 circuits
(J5200M)
X
X
X
X
Y
Y
Y
Y
X type
J5FS-
■■V-KX
Y type
J5FS-
■■V-KY
XX type
J5FM-
■■V-KXX
YY type
J5FM-
■■V-KYY
XY type
J5FM-
■■V-KXY
Tab housing
X type
J5MSP-
■■V-KX
Y type
J5MSP-
■■V-KY
XX type
J5MMP-
■■V-KXX
YY type
J5MMP-
■■V-KYY
XY type
J5MMP-
■■V-KXY
Note: Number of circuits is indicated in
■■.
AP-K2N MKS-L-J5
AP-K6A MKS-L-J5L
MK/SJ5F/M-71-65
MK/SJ5F/M-81-65
MK/SJ5F/M-91-65
APLMK SJ5F/M71-65
APLMK SJ5F/M81-65
APLMK SJ5F/M91-65
Crimp
applicator
Strip contact
Model No.
Crimping
machine
Dies
Crimp applicator
with dies
SJ5F-71GF-M6.5
SJ5M-71GF-M6.5
SJ5F-81GF-M6.5
SJ5M-81GF-M6.5
SJ5F-91GF-M6.5
SJ5M-91GF-M6.5
YRF-888
Battery operated type
BCT-860JFA
YRF-889
Loose piece
Hand crimp tools
BJ5F-71GF-M6.5
BJ5M-71GF-M6.5
LJ5F-81GF-M6.5
LJ5M-81GF-M6.5
LJ5F-91GF-M6.5
LJ5M-91GF-M6.5
*
Receptacle contact
Tab contact
Crimping machine, Applicator
List of combinations
RoHS compliance
RoHS compliance
• Extraction tool for J5000 series: EJ-JFAJ5
*Contact JST for details.


Similar Part No. - J5FS-03V-KX

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
J5F3 EDAL-J5F3 Datasheet
848Kb / 2P
Silicon Power Rectifiers
More results

Similar Description - J5FS-03V-KX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWZ JST-RWZ Datasheet
125Kb / 3P
Disconnectable Crimp style Wire-to wire connectors
RWM JST-RWM Datasheet
279Kb / 5P
Disconnectable crimp style Wire-to-wire connectors
logo
List of Unclassifed Man...
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
SLM JST-SLM Datasheet
1Mb / 6P
6.2mm pitch disconnectable crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
VLR-03V ETC2-VLR-03V Datasheet
228Kb / 4P
6.2mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
BHS JST-BHS Datasheet
122Kb / 2P
3.5mm pitch/Disconnectable Crimp style Wire-to-wire connectors
2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com