Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J5FS-03V-KX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # J5FS-03V-KX
Description  11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

J5FS-03V-KX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  J5FS-03V-KX Datasheet HTML 1Page - List of Unclassifed Manufacturers J5FS-03V-KX Datasheet HTML 2Page - List of Unclassifed Manufacturers J5FS-03V-KX Datasheet HTML 3Page - List of Unclassifed Manufacturers J5FS-03V-KX Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
JFA CONNECTOR J5000 SERIES
11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
One touch mating and unmating connector
corresponding to high current. Modular
type is also available.
• High current capacity
• Easy mating connector
Specifications –––––––––––––––––––
• Current rating: Refer to the following matrix table.
• Voltage rating: 600V AC, DC
• Temperature range: -55°C to +105°C
(including temperature rise in applying
electrical current)
• Withstanding voltage: 3.0kV AC/minute
• Applicable wire: AWG #16 to #8 (1.25 to 8.0mm2)
*Contact JST for details.
*Compliant with RoHS.
Standards ––––––––––––––––––––––
0 Recognized E60389
Unit: A
Current rating
#16
20
18
17
16
16
#14
24
22
21
20
20
#12
30
28
27
26
26
Wire size (AWG)
#10
37
34
34
32
32
#8
50
45
43
42
40
Circuits
1
2
3
4
6


Similar Part No. - J5FS-03V-KX

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
J5F3 EDAL-J5F3 Datasheet
848Kb / 2P
Silicon Power Rectifiers
More results

Similar Description - J5FS-03V-KX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWZ JST-RWZ Datasheet
125Kb / 3P
Disconnectable Crimp style Wire-to wire connectors
RWM JST-RWM Datasheet
279Kb / 5P
Disconnectable crimp style Wire-to-wire connectors
logo
List of Unclassifed Man...
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
SLM JST-SLM Datasheet
1Mb / 6P
6.2mm pitch disconnectable crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
VLR-03V ETC2-VLR-03V Datasheet
228Kb / 4P
6.2mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
BHS JST-BHS Datasheet
122Kb / 2P
3.5mm pitch/Disconnectable Crimp style Wire-to-wire connectors
2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com