Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1203S/D-1WR2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # B1203S/D-1WR2
Description  SINGLE OUTPUT DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B1203S/D-1WR2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  B1203S/D-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B1203S/D-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B1203S/D-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B1203S/D-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. B1203S/D-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
B_S-1WR2&B_D-1WR2
2013.06.18-A/2
Page 1 of 5
B_S-1WR2 & B_D-1WR2 Series
1W, FIXED INPUT, ISOLATED & UNREGULATED
SINGLE OUTPUT DC-DC CONVERTER
Patent Protectied
RoHS
PART NUMBER SYSTEM
B0505S-1WR2
Product Series
Input Voltage
Output Voltage
Package
Rated Power
PRODUCT FEATURES
●Efficiency up to 82%
●Miniature SIP/DIP Package
●1500VDC Isolation
●Operating Temperature Range:
-40
°C ~ +105°C
●No External Component Required
●PCB Mounting
●Industry Standard Pinout
APPLICATIONS
The B_S-1WR2 & B_D-1WR2 Series are designed for
application where isolated output is required from a distributed
power system.
These products apply to where:
1)
Input voltage rang :
±10%Vin;
2)
1.5KVDC input and output isolation;
3)
Regulated and low ripple noise is not required.
Such as: digital circuits, low frequency analog circuits, and
relay drive circuit.
SELECTION GUIDE
Input
Voltage(VDC)
Output Current (mA)
Input Current
(mA)(Typ.)
Model
Nominal
(Range)
Output
Voltage
(VDC)
Max.
Min.
@Max.
Load
@No Load
Reflected
Ripple
Current
(mA,Typ.)
Max.
Capacitive
Load(
µF)
Efficiency
(%, Typ.)
@Max. Load
B0303S/D-1WR2
3.3
303
30
405
75
B0305S/D-1WR2
3.3
(2.97-3.63)
5
200
20
380
25
80
B0503S/D-1WR2
3.3
303
30
263
76
B0505S/D-1WR2
5
200
20
250
80
B0509S/D-1WR2
9
111
12
250
80
B0512S/D-1WR2
12
84
9
248
81
B0515S/D-1WR2
15
67
7
248
81
B0524S/D-1WR2
5
(4.5-5.5)
24
42
4
248
20
81
B1203S/D-1WR2
3.3
303
30
111
76
B1205S/D-1WR2
5
200
20
104
80
B1209S/D-1WR2
9
111
12
104
80
B1212S/D-1WR2
12
83
9
103
81
B1215S/D-1WR2
12
(10.8-13.2)
15
67
7
103
15
80
B1515S/D-1WR2
15
(13.5-16.5)
15
67
7
82
10
81
B2403S/D-1WR2
3.3
303
30
55
76
B2405S/D-1WR2
5
200
20
52
80
B2409S/D-1WR2
9
111
12
52
80
B2412S/D-1WR2
12
84
9
50
81
B2415S/D-1WR2
15
67
7
50
82
B2424S/D-1WR2
24
(21.6-26.4)
24
42
4
50
7
15
220
82
INPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
3.3VDC Input Models
-0.7
--
5
5VDC Input Models
-0.7
--
9
12VDC Input Models
-0.7
--
18
15VDC Input Models
-0.7
--
21
Input Surge Voltage
(1sec. max.)
24VDC Input Models
-0.7
--
30
VDC
Input Filter
Capacitor


Similar Part No. - B1203S/D-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B1203S/D-1WR2 MORNSUN-B1203S/D-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - B1203S/D-1WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
B0503SD-1WR2 MORNSUN-B0503SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0515YS-1W MORNSUN-B0515YS-1W Datasheet
298Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com