Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7MBR15NE120 Datasheet(PDF) 5 Page - Fuji Electric

Part # 7MBR15NE120
Description  IGBT MODULE(1200V/15A/PIM)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBR15NE120 Datasheet(HTML) 5 Page - Fuji Electric

  7MBR15NE120 Datasheet HTML 1Page - Fuji Electric 7MBR15NE120 Datasheet HTML 2Page - Fuji Electric 7MBR15NE120 Datasheet HTML 3Page - Fuji Electric 7MBR15NE120 Datasheet HTML 4Page - Fuji Electric 7MBR15NE120 Datasheet HTML 5Page - Fuji Electric 7MBR15NE120 Datasheet HTML 6Page - Fuji Electric 7MBR15NE120 Datasheet HTML 7Page - Fuji Electric 7MBR15NE120 Datasheet HTML 8Page - Fuji Electric 7MBR15NE120 Datasheet HTML 9Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IGBT Module
7MBR15NE120
Switching loss vs. Collector current
Vcc=600V, RG=82 ohm, VGE=±15V
Collector current : Ic [A]
0
2
1
3
4
0
5
10
15
20
25
30
Collector-Emitter voltage : VCE [V]
0
5
10
15
20
25
30
35
0.1
1
10
Capacitance vs. Collector-Emitter voltage
Tj=25°C
30
25
20
15
10
5
0
0
0.5
1.0
1.5
2.0
Forward voltage : VF [V]
Converter Diode
Forward current vs. Forward voltage
5
6


Similar Part No. - 7MBR15NE120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR15NF120 FUJI-7MBR15NF120 Datasheet
264Kb / 9P
1200V/15A/PIM
More results

Similar Description - 7MBR15NE120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBI15L-120 FUJI-6MBI15L-120 Datasheet
131Kb / 4P
IGBT MODULE(1200V 15A)
6MBI15S-120 FUJI-6MBI15S-120 Datasheet
541Kb / 4P
IGBT MODULE ( S series)1200V / 15A
7MBR15NF120 FUJI-7MBR15NF120 Datasheet
264Kb / 9P
1200V/15A/PIM
7MBR15SA120 FUJI-7MBR15SA120 Datasheet
643Kb / 7P
IGBT(1200V/15A/PIM)
7MBR50UA120 FUJI-7MBR50UA120 Datasheet
190Kb / 7P
IGBT MODULE (1200V / 50A / PIM)
logo
MacMic
MMG15CB120XB6TC MACMIC-MMG15CB120XB6TC Datasheet
485Kb / 9P
1200V 15A PIM Module
MMG15CB120XB6TN MACMIC-MMG15CB120XB6TN Datasheet
434Kb / 9P
1200V 15A PIM Module
MMG15H120XB6TN MACMIC-MMG15H120XB6TN Datasheet
462Kb / 9P
1200V 15A PIM Module
MMGT15CB120XB6C MACMIC-MMGT15CB120XB6C Datasheet
612Kb / 9P
1200V 15A PIM Module
MMGT15H120XB6C MACMIC-MMGT15H120XB6C Datasheet
1Mb / 9P
1200V 15A PIM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com