Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7MBR15NE120 Datasheet(PDF) 2 Page - Fuji Electric

Part # 7MBR15NE120
Description  IGBT MODULE(1200V/15A/PIM)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBR15NE120 Datasheet(HTML) 2 Page - Fuji Electric

  7MBR15NE120 Datasheet HTML 1Page - Fuji Electric 7MBR15NE120 Datasheet HTML 2Page - Fuji Electric 7MBR15NE120 Datasheet HTML 3Page - Fuji Electric 7MBR15NE120 Datasheet HTML 4Page - Fuji Electric 7MBR15NE120 Datasheet HTML 5Page - Fuji Electric 7MBR15NE120 Datasheet HTML 6Page - Fuji Electric 7MBR15NE120 Datasheet HTML 7Page - Fuji Electric 7MBR15NE120 Datasheet HTML 8Page - Fuji Electric 7MBR15NE120 Datasheet HTML 9Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Electrical characteristics (Tj=25°C unless without specified)
Item
Symbol
Condition
Characteristics
Unit
Min.
Typ.
Max.
Zero gate voltage collector current
Gate-Emitter leakage current
Gate-Emitter threshold voltage
Collector-Emitter saturation voltage
Collector-Emitter voltage
Input capacitance
Switching time
Reverse recovery time of FRD
Zero gate voltage collector current
Gate-Emitter leakage current
Collector-Emitter saturation voltage
Switching time
Reverse current
Reverse recovery time
Forward voltage
Reverse current
ICES
IGES
VGE(th)
VCE(sat)
-VCE
Cies
ton
tr
toff
tf
trr
ICES
IGES
VCE(sat)
ton
tr
toff
tf
IRRM
trr
VFM
IRRM
VCE=1200V, VGE=0V
VCE=0V, VGE=±20V
VCE=20V, IC=15mA
VGE=15V, Ic=15A
-Ic=15A
VGE=0V, VCE=10V, f=1MHz
VCC=600V
IC=15A
VGE=±15V
RG=82 ohm
IF=15A
VCES=1200V, VGE=0V
VCE=0V, VGE=±20V
IC=10A, VGE=15V
VCC=600V
IC=10A
VGE=±15V
RG=120 ohm
VR=1200V
IF=25A
VR=1600V
1.0
20
7.5
3.3
3.0
1.2
0.6
1.5
0.5
0.35
1.0
0.1
3.3
0.8
0.6
1.5
0.5
1
0.6
1.4
1.0
2400
4.5
mA
µA
V
V
V
pF
µs
µs
µs
µs
µs
mA
µA
V
µs
µs
µs
µs
mA
µs
V
mA
Item
Symbol
Condition
Characteristics
Unit
Min.
Typ.
Max.
Inverter IGBT
Inverter FRD
Brake IGBT
Converter Diode
With thermal compound
1.04
2.78
1.43
°C/W
3.40
0.05
Thermal resistance ( 1 device )
Rth(j-c)
Contact thermal resistance
*
Rth(c-f)
Thermal Characteristics
IGBT Module
7MBR15NE120
* This is the value which is defined mounting on the additional cooling fin with thermal compound
Equivalent Circuit Schematic
* NLU (Over current Limiting circuit)


Similar Part No. - 7MBR15NE120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR15NF120 FUJI-7MBR15NF120 Datasheet
264Kb / 9P
1200V/15A/PIM
More results

Similar Description - 7MBR15NE120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBI15L-120 FUJI-6MBI15L-120 Datasheet
131Kb / 4P
IGBT MODULE(1200V 15A)
6MBI15S-120 FUJI-6MBI15S-120 Datasheet
541Kb / 4P
IGBT MODULE ( S series)1200V / 15A
7MBR15NF120 FUJI-7MBR15NF120 Datasheet
264Kb / 9P
1200V/15A/PIM
7MBR15SA120 FUJI-7MBR15SA120 Datasheet
643Kb / 7P
IGBT(1200V/15A/PIM)
7MBR50UA120 FUJI-7MBR50UA120 Datasheet
190Kb / 7P
IGBT MODULE (1200V / 50A / PIM)
logo
MacMic
MMG15CB120XB6TC MACMIC-MMG15CB120XB6TC Datasheet
485Kb / 9P
1200V 15A PIM Module
MMG15CB120XB6TN MACMIC-MMG15CB120XB6TN Datasheet
434Kb / 9P
1200V 15A PIM Module
MMG15H120XB6TN MACMIC-MMG15H120XB6TN Datasheet
462Kb / 9P
1200V 15A PIM Module
MMGT15CB120XB6C MACMIC-MMGT15CB120XB6C Datasheet
612Kb / 9P
1200V 15A PIM Module
MMGT15H120XB6C MACMIC-MMGT15H120XB6C Datasheet
1Mb / 9P
1200V 15A PIM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com