Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4992 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM4992
Description  420mW Stereo Cell Phone Audio Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4992 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM4992_14 Datasheet HTML 5Page - Texas Instruments LM4992_14 Datasheet HTML 6Page - Texas Instruments LM4992_14 Datasheet HTML 7Page - Texas Instruments LM4992_14 Datasheet HTML 8Page - Texas Instruments LM4992_14 Datasheet HTML 9Page - Texas Instruments LM4992_14 Datasheet HTML 10Page - Texas Instruments LM4992_14 Datasheet HTML 11Page - Texas Instruments LM4992_14 Datasheet HTML 12Page - Texas Instruments LM4992_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
0
120
Time - ns
3
2
1
0
-1
-2
-3
20
40
60
80
100
0
1
2
3
4
5
Output Voltage - VPP
0
1000
2000
3000
4000
-2
-1
0
1
2
0
50
100
150
200
Times - ns
-8
-6
-4
-2
0
2
4
6
8
V
IN
V
OUT
10M
100M
1G
Frequency - Hz
HD
2
V
= 3 V
V
= 2 V
V
= 1 V
OUT
PP
OUT
PP
OUT
PP
HD
3
V
= 3 V
V
= 2 V
V
= 1 V
OUT
PP
OUT
PP
OUT
PP
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
HD
2
V
= 3 V
V
= 2 V
V
= 1 V
OUT
PP
OUT
PP
OUT
PP
HD
3
V
= 3 V
V
= 2 V
V
= 1 V
OUT
PP
OUT
PP
OUT
PP
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
10M
100M
1G
Frequency - Hz
-100
-95
-90
-85
-80
-75
-70
-65
0
1
2
3
4
5
V
- Output Voltage - V
OUT
HD
2
HD
3
f = 100 MHz,
R
= 400
L
W
THS770012
www.ti.com
SLOS669C
– FEBRUARY 2010 – REVISED JANUARY 2012
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS+ = +5V, VOCM = +2.5V, VOUT = 2VPP, RL = 400Ω differential, G = +12dB, differential input and output, input
and output pins referenced to midsupply, unless otherwise noted. Measured using EVM as discussed in Test Circuits section.
SLEW RATE
SMALL- AND LARGE-SIGNAL PULSE RESPONSE
vs OUTPUT VOLTAGE STEP
Figure 10.
Figure 11.
SINGLE-ENDED INPUT
OVERDRIVE RECOVERY
HARMONIC DISTORTION vs FREQUENCY
Figure 12.
Figure 13.
HARMONIC DISTORTION
HARMONIC DISTORTION
vs FREQUENCY
vs OUTPUT VOLTAGE
Figure 14.
Figure 15.
Copyright
© 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS770012


Similar Part No. - LM4992_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4992SD NSC-LM4992SD Datasheet
576Kb / 16P
420mW Stereo Cell Phone Audio Amplifier
logo
Texas Instruments
LM4992SD/NOPB TI1-LM4992SD/NOPB Datasheet
932Kb / 23P
420mW Stereo Cell Phone Audio Amplifier
LM4992SDBD TI1-LM4992SDBD Datasheet
932Kb / 23P
420mW Stereo Cell Phone Audio Amplifier
More results

Similar Description - LM4992_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4992 NSC-LM4992 Datasheet
576Kb / 16P
420mW Stereo Cell Phone Audio Amplifier
logo
Texas Instruments
LM4992 TI1-LM4992 Datasheet
932Kb / 23P
420mW Stereo Cell Phone Audio Amplifier
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
STEREO AUDIO AMPLIFIER
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
STEREO AUDIO AMPLIFIER
logo
Sanyo Semicon Device
LA74322LP SANYO-LA74322LP Datasheet
185Kb / 14P
Audio I/O Interface for Cell Phone
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
STEREO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TEA2025B TGS-TEA2025B Datasheet
551Kb / 4P
STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com