Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4992 Datasheet(PDF) 22 Page - Texas Instruments

Part # LM4992
Description  420mW Stereo Cell Phone Audio Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4992 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM4992_14 Datasheet HTML 15Page - Texas Instruments LM4992_14 Datasheet HTML 16Page - Texas Instruments LM4992_14 Datasheet HTML 17Page - Texas Instruments LM4992_14 Datasheet HTML 18Page - Texas Instruments LM4992_14 Datasheet HTML 19Page - Texas Instruments LM4992_14 Datasheet HTML 20Page - Texas Instruments LM4992_14 Datasheet HTML 21Page - Texas Instruments LM4992_14 Datasheet HTML 22Page - Texas Instruments LM4992_14 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
V
V
ADC
REF
-
V
V
AMP
ADC
-
R
P
O
=R
GAIN=
2R ||Z
P
IN
2R +2R ||Z
O
P
IN
V
ADC FS
GAIN
V
AMP PP =
THS770012
SLOS669C
– FEBRUARY 2010 – REVISED JANUARY 2012
www.ti.com
For common-mode analysis, assume that VAMP± = VOCM and VADC± = VADC (the specification for the ADC input
common-mode voltage). VREF is chosen to be a voltage within the system (such as the ADC or amplifier analog
supply) or ground, depending on whether the voltage must be pulled up or down, and RO is chosen to be a
reasonable value, such as 49.9
Ω. With these known values, RP can be found by using Equation 1:
(1)
The insertion of this resistor network also attenuates the amplifier output signal. The gain (or loss) can be
calculated by Equation 2:
(2)
Using the gain and knowing the full-scale input of the ADC, VADC FS, the required amplitude to drive the ADC with
the network can be calculated using Equation 3:
(3)
Using the ADC examples given previously, Table 3 shows sample calculations of the value of RP and VAMP FS for
full-scale drive, and then for
–1dB (often times, the ADC drive is backed off from full-scale in applications, so
lower amplitudes may be acceptable). All voltages are in volts, resistors in
Ω (the nearest standard value should
be used), and gain as noted. Table 3 does not include the ADS5424 because no level shift is required with this
device.
Table 3. Example RP for Various ADCs
VOCM
VADC
VREF
RINT
RO
RP
GAIN
GAIN
VADC FS
VAMP PP
VAMP PP
ADC
(VDC)
(VDC)
(VDC)
(
Ω)
(
Ω)
(
Ω)
(V/V)
(dB)
(VPP)
FS (VPP)
–1dBFS (VPP)
ADS5485
2.5
3.1
5
1k
50
158.3
0.73
–2.71
2
4.10
3.65
ADS6149
2.5
1.5
0
NA
50
75.0
0.60
–4.44
2
3.33
2.97
ADS4149
2.5
0.95
0
NA
50
30.6
0.38
–8.40
2
5.26
4.69
ADS4149
0(1)
0.95
2.5
NA
50
81.6
0.62
–4.15
2
3.23
2.88
(1)
THS770012 with
±2.5V supply.
The calculated values for the ADS5485 give the lowest attenuation, and because of the high VFS, it requires
3.65VPP from the amplifier to drive to –1dBFS. Performance of the THS770012 is still very good up to 130MHz at
this level, but the designer may want to further back off from full-scale for best performance and consider trading
reduced SNR performance for better SFDR performance.
The values calculated for the ADS6149 show reasonable design targets and should work with good performance.
Note the ADS6149 does not have buffered inputs, and the inputs have equivalent resistive impedance that varies
with sampling frequency. In order to account for the increased loss, half of this resistance should be used for the
value of RINT in Equation 2.
The values calculated for the low input common-mode of the ADS4149 result in large attenuation of the amplifier
signal leading to 5.26VPP being required for full-scale ADC drive. This amplitude is greater than the maximum
capability of the device. With a single +5V supply, the THS770012 is not suitable to drive this ADC in dc-coupled
applications unless the ADC input is backed off towards
–6dBFS. Another option is to operate the THS770012
with a split
±2.5V supply, and is shown in the last row of Table 3. For this situation, if the +2.5V is used as the
pull-up voltage, only 2.88VPP is required for the –1dBFS input to the ADS4149. See the Operation with Split
Supply
±2.5V section for more detail. Note that the ADS4149 does not have buffered inputs and the inputs have
equivalent resistive impedance that varies with sampling frequency. In order to account for the increased loss,
half of this resistance should be used for the value of RINT in Equation 2.
As with any design, testing is recommended to validate whether it meets the specific design goals.
22
Submit Documentation Feedback
Copyright
© 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): THS770012


Similar Part No. - LM4992_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4992SD NSC-LM4992SD Datasheet
576Kb / 16P
   420mW Stereo Cell Phone Audio Amplifier
logo
Texas Instruments
LM4992SD/NOPB TI1-LM4992SD/NOPB Datasheet
932Kb / 23P
[Old version datasheet]   420mW Stereo Cell Phone Audio Amplifier
LM4992SDBD TI1-LM4992SDBD Datasheet
932Kb / 23P
[Old version datasheet]   420mW Stereo Cell Phone Audio Amplifier
More results

Similar Description - LM4992_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4992 NSC-LM4992 Datasheet
576Kb / 16P
   420mW Stereo Cell Phone Audio Amplifier
logo
Texas Instruments
LM4992 TI1-LM4992 Datasheet
932Kb / 23P
[Old version datasheet]   420mW Stereo Cell Phone Audio Amplifier
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Sanyo Semicon Device
LA74322LP SANYO-LA74322LP Datasheet
185Kb / 14P
   Audio I/O Interface for Cell Phone
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
   STEREO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TEA2025B TGS-TEA2025B Datasheet
551Kb / 4P
   STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com