Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4992 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM4992
Description  420mW Stereo Cell Phone Audio Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4992 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM4992_14 Datasheet HTML 13Page - Texas Instruments LM4992_14 Datasheet HTML 14Page - Texas Instruments LM4992_14 Datasheet HTML 15Page - Texas Instruments LM4992_14 Datasheet HTML 16Page - Texas Instruments LM4992_14 Datasheet HTML 17Page - Texas Instruments LM4992_14 Datasheet HTML 18Page - Texas Instruments LM4992_14 Datasheet HTML 19Page - Texas Instruments LM4992_14 Datasheet HTML 20Page - Texas Instruments LM4992_14 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
THS770012
www.ti.com
SLOS669C
– FEBRUARY 2010 – REVISED JANUARY 2012
Power-Down
The standard EVM is used with T1 and T2 removed, jumpers placed across terminals 3 to 4 and 1 to 6, R15 and
R17 = 49.9
Ω, C9 and C13 = 0Ω, and R5, R6, R16, and R21 = open. A waveform generator is connected to the
power-down input of the EVM with a 50
Ω coaxial cable at J8. The differential output at J3 and J4 is connected
with 50
Ω coaxial cables to an oscilloscope to measure the outputs. J1 is left disconnected so that the output is
driven to the VOCM voltage when the device is active, and discharged through the resistive load on the output
when disabled. Both outputs are the same and only one is shown.
Differential Z-out
The standard EVM is used with R15 and R17 = 24.9
Ω, and R16 = open. A network analyzer is connected to the
output of the EVM at J3 with 50
Ω coaxial cable, both inputs are terminated with a 50Ω load, and a
high-impedance differential probe is used for the measurement. The analyzer is set to measure the forward
transfer function (s21). The analyzer with probe input is calibrated across the open resistor pads of R16 and the
signal is measured at the output pins of the device. The output impedance is calculated using the known resistor
values and the attenuation caused by R15 and R17.
Output Balance Error
The standard EVM is used with R15 and R17 = 100
Ω, and R16 = 0Ω. A network analyzer is connected to the
input of the EVM with 50
Ω coaxial cable, the output is left open, and a high-impedance differential probe is used
for the measurement. The analyzer is set to measure the forward transfer function (s21). The analyzer with probe
input is calibrated at the input pins of the device and the signal is measured from the shorted pads of R16 to
ground.
Common-Mode Rejection
The standard EVM is used with T1 removed and jumpers place across terminals 3 to 4, 1 to 6, and 1 to 3. A
network analyzer is connected to the input and output of the EVM with 50
Ω coaxial cable and set to measure the
forward transfer function (s21).
VOCM Frequency Response
The standard EVM is used with T2 removed and jumpers across terminals 3 to 4 and 1 to 6; R10, R15, and
R17 = 49.9
Ω; C3 and C4 = 0Ω; and R9, R16, and R21 = open. A network analyzer is connected to the VOCM
input of the EVM at J7 and output of the EVM with 50
Ω coaxial cable, and set to measure the forward transfer
function (s21). The input signal frequency is swept with the signal level set for 200mV. Each output at J3 and J4
is measured as single-ended, and because both are the same, only one output is shown.
VOCM Slew Rate and Pulse Response
The standard EVM is used with T2 removed and jumpers across terminals 3 to 4 and 1 to 6; R10, R15, and
R17 = 49.9
Ω; C9 and C13 = 0Ω; and C3, C4, R9, R16, and R21 = open. A waveform generator is connected to
the VOCM input of the EVM at J7 with 50Ω coaxial cable. The differential output at J3 and J4 is connected with
50
Ω coaxial cable to an oscilloscope to measure the outputs. J1 is left disconnected so that the output is driven
to the VOCM voltage. Both outputs are the same, so only one is shown.
Input/Output Voltage Noise, Settling Time, and Power-Supply Rejection
These parameters are taken from simulation.
Copyright
© 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): THS770012


Similar Part No. - LM4992_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4992SD NSC-LM4992SD Datasheet
576Kb / 16P
   420mW Stereo Cell Phone Audio Amplifier
logo
Texas Instruments
LM4992SD/NOPB TI1-LM4992SD/NOPB Datasheet
932Kb / 23P
[Old version datasheet]   420mW Stereo Cell Phone Audio Amplifier
LM4992SDBD TI1-LM4992SDBD Datasheet
932Kb / 23P
[Old version datasheet]   420mW Stereo Cell Phone Audio Amplifier
More results

Similar Description - LM4992_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4992 NSC-LM4992 Datasheet
576Kb / 16P
   420mW Stereo Cell Phone Audio Amplifier
logo
Texas Instruments
LM4992 TI1-LM4992 Datasheet
932Kb / 23P
[Old version datasheet]   420mW Stereo Cell Phone Audio Amplifier
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Sanyo Semicon Device
LA74322LP SANYO-LA74322LP Datasheet
185Kb / 14P
   Audio I/O Interface for Cell Phone
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
   STEREO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TEA2025B TGS-TEA2025B Datasheet
551Kb / 4P
   STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com