Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5425DB Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP5425DB
Description  Dual Synchronous Buck Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5425DB Datasheet(HTML) 4 Page - ON Semiconductor

  NCP5425DB Datasheet HTML 1Page - ON Semiconductor NCP5425DB Datasheet HTML 2Page - ON Semiconductor NCP5425DB Datasheet HTML 3Page - ON Semiconductor NCP5425DB Datasheet HTML 4Page - ON Semiconductor NCP5425DB Datasheet HTML 5Page - ON Semiconductor NCP5425DB Datasheet HTML 6Page - ON Semiconductor NCP5425DB Datasheet HTML 7Page - ON Semiconductor NCP5425DB Datasheet HTML 8Page - ON Semiconductor NCP5425DB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
NCP5425
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (0
°C < TJ < 125°C; ROSC = 30.9 k, CCOMP1,2 = 0.1 mF, 4.75 V < VCC < 13.2 V;
10.8 V < BST < 20 V, CGATE(H)1,2 = CGATE(L)1,2 = 1.0 nF; unless otherwise specified.)
Characteristic
Test Condition
Min
Typ
Max
Unit
ERROR AMPLIFIER
VFB1 Input Bias Current
VFB1 = 0 V
0.1
1.0
mA
VFB2, VREF2 Input Bias Current
VFB2, VREF2 = 0.8 V
0.1
1.0
mA
Common Mode Input Voltage Range
0.3
1.0
V
COMP1(2) Source Current
COMP1(2) = 1.2 V to 2.5 V; VFB1(2) = 0.6 V
15
30
60
mA
COMP1(2) Sink Current
COMP1(2) = 1.2 V; VFB1(2) = 1.0 V
15
30
60
mA
Reference Voltage
COMP1 = VFB1
0.792
0.800
0.808
V
COMP1 Max Voltage
COMP2 Max Voltage, Mode Floating
COMP2 Max Voltage, Mode = 0
VFB1(2) = 0.6 V
VFB1(2) = 0.6 V
VFB1(2) = 0.6 V
3.0
2.0
3.1
2.0
2.1
2.1
V
COMP1(2) Min Voltage
VFB1(2) = 1.2 V
0.10
0.20
V
Open Loop Gain
95
dB
Unity Gain Bandwidth
40
kHz
PSRR @ 1.0 kHz
70
dB
Transconductance
32
mmho
Output Impedance
2.5
M
W
GATE(H) AND GATE(L)
High Voltage (AC)
VCC − GATE(L)1,2
BST − GATE(H)1,2 (Note 2)
0
0.5
V
Low Voltage (AC)
GATE(L)1,2 or GATE(H)1,2 (Note 2)
0
0.5
V
Rise Time
1.0 V < GATE(L)1,2 < VCC − 1.0 V
1.0 V < GATE(H)1,2 < BST − 1.0 V
25
80
ns
Fall Time
VCC − 1.0 > GATE(L)1,2 > 1.0 V
BST − 1.0 > GATE(H)1,2 > 1.0 V
25
80
ns
GATE(H) to GATE(L) Delay
GATE(H)1,2 < 2.0 V
GATE(L)1,2 > 2.0 V
20
40
80
ns
GATE(L) to GATE(H) Delay
GATE(L)1,2 < 2.0 V
GATE(H)1,2 > 2.0 V
20
40
80
ns
GATE(H)1(2) and GATE(L)1(2) Pull−Down
Resistance to GND (Note 2)
50
125
280
k
W
PWM COMPARATOR
Propagation Delay
COMP1(2) = 1.0 V
VFB1(2) = 0 to 1.2 V (Note 2)
200
300
ns
PWM Comparator Offset
VFB1(2) = 0 V; Increase COMP1(2) until
GATE(H)1(2) starts switching
0.20
0.30
0.45
V
Artificial Ramp
Duty Cycle = 50%
55
95
150
mV
Minimum Pulse Width
(Note 2)
80
130
ns
2. Guaranteed by design, not 100% tested in production.


Similar Part No. - NCP5425DB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5425DB ONSEMI-NCP5425DB Datasheet
155Kb / 22P
   Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
NCP5425DB ONSEMI-NCP5425DB Datasheet
173Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5425DB ONSEMI-NCP5425DB Datasheet
172Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5425DBG ONSEMI-NCP5425DBG Datasheet
173Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5425DBG ONSEMI-NCP5425DBG Datasheet
223Kb / 2P
   12 V Telecom Power Conversion Solutions
Rev. 2, Sep-2006
More results

Similar Description - NCP5425DB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
   Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
logo
Semtech Corporation
SC415 SEMTECH-SC415_08 Datasheet
763Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425 Datasheet
155Kb / 22P
   Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
logo
Semtech Corporation
SC415 SEMTECH-SC415 Datasheet
927Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425_06 Datasheet
173Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5425 ONSEMI-NCP5425_09 Datasheet
172Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
logo
Sipex Corporation
SP6134HV SIPEX-SP6134HV Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
SP6137HV SIPEX-SP6137HV Datasheet
265Kb / 13P
   Dual Supply Synchronous Buck Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com