Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W128GH70N3E Datasheet(PDF) 29 Page - Numonyx B.V

Part # M29W128GH70N3E
Description  128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W128GH70N3E Datasheet(HTML) 29 Page - Numonyx B.V

Back Button M29W128GH70N3E Datasheet HTML 25Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 26Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 27Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 28Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 29Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 30Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 31Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 32Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 33Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 94 page
background image
M29W128GH, M29W128GL
Command interface
29/94
blocks. Each additional block must therefore be selected within the timeout period of the last
block. The timeout timer restarts when an additional block is selected. After the sixth bus
write operation, a bus read operation outputs the status register. See Figure 17: Write
enable controlled program waveforms (8-bit mode) and Figure 18: Write enable controlled
program waveforms (16-bit mode) for details on how to identify if the program/erase
controller has started the block erase operation.
After the block erase operation has completed, the memory returns to the read mode,
unless an error has occurred. When an error occurs, bus read operations will continue to
output the status register. A Read/Reset command must be issued to reset the error
condition and return to read mode.
If any selected blocks are protected then these are ignored and all the other selected blocks
are erased. If all of the selected blocks are protected the block erase operation appears to
start but will terminate within about 100 µs, leaving the data unchanged. No error condition
is given when protected blocks are ignored.
During the block erase operation the memory ignores all commands except the Erase
Suspend command and the Read/Reset command which is only accepted during the
timeout period. Typical block erase time and block erase timeout are given in Table 17.
The block erase operation is aborted by performing a reset or powering down the device. In
this case, data integrity cannot be ensured, and it is recommended to erase again the
blocks aborted.
6.1.6
Erase Suspend command
The Erase Suspend command can be used to temporarily suspend a block erase operation.
One bus write operation is required to issue the command together with the block address.
The program/erase controller suspends the erase operation within the erase suspend
latency time of the Erase Suspend command being issued. However, when the Erase
Suspend command is written during the block erase timeout, the device immediately
terminates the timeout period and suspends the erase operation.
Once the program/erase controller has stopped, the memory operates in read mode and the
erase is suspended.
During erase suspend it is possible to read and execute program or write to buffer program
operations in blocks that are not suspended; both read and program operations behave as
normal on these blocks. Reading from blocks that are suspended will output the status
register. If any attempt is made to program in a protected block or in the suspended block
then the Program command is ignored and the data remains unchanged. In this case the
status register is not read and no error condition is given.
It is also possible to issue the Auto Select (after entering Autoselect mode), Read CFI Query
and Unlock Bypass commands during an erase suspend. The Read/Reset command must
be issued to return the device to read array mode before the Resume command will be
accepted.
During erase suspend a bus read operation to the extended memory block will output the
extended memory block data. Once in the extended block mode, the Exit Extended Block
command must be issued before the erase operation can be resumed.
The Erase Suspend command is ignored if written during chip erase operations.
Refer to Table 17: Program, erase times and program, erase endurance cycles for the
values of block erase timeout and block erase suspend latency time.


Similar Part No. - M29W128GH70N3E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W128GH70N6E NUMONYX-M29W128GH70N6E Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M29W128GH70N6F NUMONYX-M29W128GH70N6F Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
More results

Similar Description - M29W128GH70N3E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29DW127G70NF6E NUMONYX-M29DW127G70NF6E Datasheet
1Mb / 95P
   128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
M29W128GH NUMONYX-M29W128GH Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M29W064FT NUMONYX-M29W064FT Datasheet
1Mb / 69P
   64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29F016D STMICROELECTRONICS-M29F016D_05 Datasheet
704Kb / 37P
   16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
M29F016D STMICROELECTRONICS-M29F016D Datasheet
536Kb / 37P
   16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
M29W017D STMICROELECTRONICS-M29W017D Datasheet
251Kb / 36P
   16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
M29F016B STMICROELECTRONICS-M29F016B Datasheet
135Kb / 22P
   16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
logo
Numonyx B.V
M29W128FH NUMONYX-M29W128FH Datasheet
1Mb / 78P
   128 Mbit (8Mb x 16 or 16Mb x 8, Page, Uniform Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29F080D STMICROELECTRONICS-M29F080D Datasheet
252Kb / 36P
   8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
April 2002
M29F080A STMICROELECTRONICS-M29F080A Datasheet
131Kb / 21P
   8 Mbit 1Mb x8, Uniform Block Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com