Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W128GH70N3E Datasheet(PDF) 20 Page - Numonyx B.V

Part # M29W128GH70N3E
Description  128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W128GH70N3E Datasheet(HTML) 20 Page - Numonyx B.V

Back Button M29W128GH70N3E Datasheet HTML 16Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 17Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 18Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 19Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 20Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 21Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 22Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 23Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 24Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 94 page
background image
Bus operations
M29W128GH, M29W128GL
20/94
M
Table 4.
Bus operations, 8-bit mode
Operation(1)
E
G
W
RP
VPP/WP
Address Inputs
Data inputs/outputs
A22-A0, DQ15A-1
DQ14-DQ8
DQ7-DQ0
Bus read
VIL
VIL
VIH VIH
X
Cell address
Hi-Z
Data output
Bus write
VIL
VIH
VIL
VIH
X(2)
Command address
Hi-Z
Data input(3)
Standby
VIH
XX
VIH
X
X
Hi-Z
Hi-Z
Output disable
VIL
VIH
VIH VIH
X
X
Hi-Z
Hi-Z
Reset
X
X
X
VIL
X
X
Hi-Z
Hi-Z
1.
X = VIL or VIH.
2.
If WP is Low, VIL, the outermost block remains protected.
3.
Data input as required when issuing a command sequence, performing data polling or block protection.
Table 5.
Bus operations, 16-bit mode
Operation(1)
E
G
W
RP
VPP/WP
Address inputs
Data inputs/outputs
A22-A0
DQ15A-1, DQ14-DQ0
Bus read
VIL VIL VIH VIH
X
Cell address
Data output
Bus write
VIL VIH VIL VIH
X(2)
Command address
Data input(3)
Standby
VIH
XX
VIH
XX
Hi-Z
Output disable
VIL VIH VIH VIH
XX
Hi-Z
Reset
XXX
VIL
XX
Hi-Z
1.
X = VIL or VIH.
2.
If WP is Low, VIL, the outermost block remains protected.
3.
Data input as required when issuing a command sequence, performing data polling or block protection.


Similar Part No. - M29W128GH70N3E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W128GH70N6E NUMONYX-M29W128GH70N6E Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M29W128GH70N6F NUMONYX-M29W128GH70N6F Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
More results

Similar Description - M29W128GH70N3E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29DW127G70NF6E NUMONYX-M29DW127G70NF6E Datasheet
1Mb / 95P
   128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
M29W128GH NUMONYX-M29W128GH Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M29W064FT NUMONYX-M29W064FT Datasheet
1Mb / 69P
   64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29F016D STMICROELECTRONICS-M29F016D_05 Datasheet
704Kb / 37P
   16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
M29F016D STMICROELECTRONICS-M29F016D Datasheet
536Kb / 37P
   16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
M29W017D STMICROELECTRONICS-M29W017D Datasheet
251Kb / 36P
   16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
M29F016B STMICROELECTRONICS-M29F016B Datasheet
135Kb / 22P
   16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
logo
Numonyx B.V
M29W128FH NUMONYX-M29W128FH Datasheet
1Mb / 78P
   128 Mbit (8Mb x 16 or 16Mb x 8, Page, Uniform Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29F080D STMICROELECTRONICS-M29F080D Datasheet
252Kb / 36P
   8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
April 2002
M29F080A STMICROELECTRONICS-M29F080A Datasheet
131Kb / 21P
   8 Mbit 1Mb x8, Uniform Block Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com