Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W128GH70N3E Datasheet(PDF) 19 Page - Numonyx B.V

Part # M29W128GH70N3E
Description  128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W128GH70N3E Datasheet(HTML) 19 Page - Numonyx B.V

Back Button M29W128GH70N3E Datasheet HTML 15Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 16Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 17Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 18Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 19Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 20Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 21Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 22Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 23Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 94 page
background image
M29W128GH, M29W128GL
Bus operations
19/94
programmer method (8-bit mode) and Table 7: Read electronic signature - auto select mode
- programmer method (16-bit mode).
These codes can also be accessed by issuing an Auto Select command (see Section 6.1.2:
Auto Select command).
3.7.2
Verify extended memory block protection indicator
The extended memory block is either factory locked or customer lockable.
The protection status of the extended memory block (factory locked or customer lockable)
can be accessed by reading the extended memory block protection indicator. It can be read
in auto select mode using either the programmer (see Table 8 and Table 9) or the in-system
method (see Table 10 and Table 11).
The protection status of the extended memory block is then output on bit DQ7 of the data
input/outputs (see Table 4 and Table 5, Bus operations in 8-bit and 16-bit mode).
3.7.3
Verify block protection status
The protection status of a block can be directly accessed by performing a read operation
with control signals and addresses set as shown in Table 8 and Table 9.
If the block is protected, then 01h (in x 8 mode) is output on data input/outputs DQ0-DQ7,
otherwise 00h is output.
3.7.4
Hardware block protect
The VPP/WP pin can be used to protect the highest or lowest block. When VPP/WP is at VIL
the highest (M29W128GH) or lowest block (M29W128GL) is protected and remains
protected regardless of the block protection status or the reset pin state.


Similar Part No. - M29W128GH70N3E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W128GH70N6E NUMONYX-M29W128GH70N6E Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M29W128GH70N6F NUMONYX-M29W128GH70N6F Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
More results

Similar Description - M29W128GH70N3E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29DW127G70NF6E NUMONYX-M29DW127G70NF6E Datasheet
1Mb / 95P
   128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
M29W128GH NUMONYX-M29W128GH Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M29W064FT NUMONYX-M29W064FT Datasheet
1Mb / 69P
   64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29F016D STMICROELECTRONICS-M29F016D_05 Datasheet
704Kb / 37P
   16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
M29F016D STMICROELECTRONICS-M29F016D Datasheet
536Kb / 37P
   16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
M29W017D STMICROELECTRONICS-M29W017D Datasheet
251Kb / 36P
   16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
M29F016B STMICROELECTRONICS-M29F016B Datasheet
135Kb / 22P
   16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
logo
Numonyx B.V
M29W128FH NUMONYX-M29W128FH Datasheet
1Mb / 78P
   128 Mbit (8Mb x 16 or 16Mb x 8, Page, Uniform Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29F080D STMICROELECTRONICS-M29F080D Datasheet
252Kb / 36P
   8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
April 2002
M29F080A STMICROELECTRONICS-M29F080A Datasheet
131Kb / 21P
   8 Mbit 1Mb x8, Uniform Block Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com