Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W128GH70N3E Datasheet(PDF) 15 Page - Numonyx B.V

Part # M29W128GH70N3E
Description  128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W128GH70N3E Datasheet(HTML) 15 Page - Numonyx B.V

Back Button M29W128GH70N3E Datasheet HTML 11Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 12Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 13Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 14Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 15Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 16Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 17Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 18Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 19Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 94 page
background image
M29W128GH, M29W128GL
Signal descriptions
15/94
2.9
Reset (RP)
The reset pin can be used to apply a hardware reset to the memory.
A hardware reset is achieved by holding reset Low, VIL, for at least tPLPX. After reset goes
High, VIH, the memory will be ready for bus read and bus write operations after tPHEL or
tRHEL, whichever occurs last. See Section 2.10: Ready/busy output (RB), Table 29: Reset
AC characteristics, Figure 22 and Figure 23 for more details.
2.10
Ready/busy output (RB)
The ready/busy pin is an open-drain output that can be used to identify when the device is
performing a program or erase operation. During program or erase operations ready/busy is
Low, VOL (see Table 20: Status register bits). Ready/busy is high-impedance during read
mode, auto select mode and erase suspend mode.
After a hardware reset, bus read and bus write operations cannot begin until ready/busy
becomes high-impedance. See Table 29: Reset AC characteristics, Figure 22 and
Figure 23.
The use of an open-drain output allows the ready/busy pins from several memories to be
connected to a single pull-up resistor. A Low will then indicate that one, or more, of the
memories is busy.
2.11
Byte/word organization select (BYTE)
It is used to switch between the x8 and x16 bus modes of the memory. When byte/word
organization select is Low, VIL, the memory is in x8 mode, when it is High, VIH, the memory
is in x16 mode.
2.12
VCC supply voltage
VCC provides the power supply for all operations (read, program and erase).
The command interface is disabled when the VCC supply voltage is less than the lockout
voltage, VLKO. This prevents bus write operations from accidentally damaging the data
during power-up, power-down and power surges. If the program/erase controller is
programming or erasing during this time then the operation aborts and the memory contents
being altered will be invalid.
A 0.1 µF capacitor should be connected between the VCC supply voltage pin and the VSS
ground pin to decouple the current surges from the power supply. The PCB track widths
must be sufficient to carry the currents required during program and erase operations (see
ICC1, ICC2, ICC3 in Table 25: DC characteristics).
2.13
VCCQ input/output supply voltage
VCCQ provides the power supply to the I/O pins and enables all outputs to be powered
independently from VCC.


Similar Part No. - M29W128GH70N3E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W128GH70N6E NUMONYX-M29W128GH70N6E Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M29W128GH70N6F NUMONYX-M29W128GH70N6F Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
More results

Similar Description - M29W128GH70N3E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29DW127G70NF6E NUMONYX-M29DW127G70NF6E Datasheet
1Mb / 95P
   128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
M29W128GH NUMONYX-M29W128GH Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M29W064FT NUMONYX-M29W064FT Datasheet
1Mb / 69P
   64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29F016D STMICROELECTRONICS-M29F016D_05 Datasheet
704Kb / 37P
   16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
M29F016D STMICROELECTRONICS-M29F016D Datasheet
536Kb / 37P
   16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
M29W017D STMICROELECTRONICS-M29W017D Datasheet
251Kb / 36P
   16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
M29F016B STMICROELECTRONICS-M29F016B Datasheet
135Kb / 22P
   16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
logo
Numonyx B.V
M29W128FH NUMONYX-M29W128FH Datasheet
1Mb / 78P
   128 Mbit (8Mb x 16 or 16Mb x 8, Page, Uniform Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29F080D STMICROELECTRONICS-M29F080D Datasheet
252Kb / 36P
   8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
April 2002
M29F080A STMICROELECTRONICS-M29F080A Datasheet
131Kb / 21P
   8 Mbit 1Mb x8, Uniform Block Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com