Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W128GH70N3E Datasheet(PDF) 13 Page - Numonyx B.V

Part # M29W128GH70N3E
Description  128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W128GH70N3E Datasheet(HTML) 13 Page - Numonyx B.V

Back Button M29W128GH70N3E Datasheet HTML 9Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 10Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 11Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 12Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 13Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 14Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 15Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 16Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 17Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 94 page
background image
M29W128GH, M29W128GL
Signal descriptions
13/94
2
Signal descriptions
See Figure 1: Logic diagram, and Table 2: Signal names, for a brief overview of the signals
connected to this device.
2.1
Address inputs (A0-A22)
The address inputs select the cells in the memory array to access during bus read
operations. During bus write operations they control the commands sent to the command
interface of the program/erase controller.
2.2
Data inputs/outputs (DQ0-DQ7)
The data I/O outputs the data stored at the selected address during a bus read operation.
During bus write operations they represent the commands sent to the command interface of
the internal state machine.
2.3
Data inputs/outputs (DQ8-DQ14)
The data I/O outputs the data stored at the selected address during a bus read operation
when BYTE is High, VIH. When BYTE is Low, VIL, these pins are not used and are high
impedance. During bus write operations the command register does not use these bits.
When reading the status register these bits should be ignored.
2.4
Data inputs/outputs or address inputs (DQ15A1)
When the device is in x 16 bus mode, this pin behaves as a data input/output pin (as DQ8-
DQ14). When the device operates in x 8 bus mode, this pin behaves as the least significant
bit of the address. Throughout the text consider references to the data input/output to
include this pin when the device operates in x 16 bus mode and references to the address
inputs to include this pin when the device operates in x 8 bus mode except when stated
explicitly otherwise.
2.5
Chip enable (E)
The chip enable pin, E, activates the memory, allowing bus read and bus write operations to
be performed. When chip enable is High, VIH, all other pins are ignored.
2.6
Output enable (G)
The output enable pin, G, controls the bus read operation of the memory.


Similar Part No. - M29W128GH70N3E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W128GH70N6E NUMONYX-M29W128GH70N6E Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M29W128GH70N6F NUMONYX-M29W128GH70N6F Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
More results

Similar Description - M29W128GH70N3E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29DW127G70NF6E NUMONYX-M29DW127G70NF6E Datasheet
1Mb / 95P
   128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
M29W128GH NUMONYX-M29W128GH Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M29W064FT NUMONYX-M29W064FT Datasheet
1Mb / 69P
   64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29F016D STMICROELECTRONICS-M29F016D_05 Datasheet
704Kb / 37P
   16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
M29F016D STMICROELECTRONICS-M29F016D Datasheet
536Kb / 37P
   16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
M29W017D STMICROELECTRONICS-M29W017D Datasheet
251Kb / 36P
   16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
M29F016B STMICROELECTRONICS-M29F016B Datasheet
135Kb / 22P
   16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
logo
Numonyx B.V
M29W128FH NUMONYX-M29W128FH Datasheet
1Mb / 78P
   128 Mbit (8Mb x 16 or 16Mb x 8, Page, Uniform Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29F080D STMICROELECTRONICS-M29F080D Datasheet
252Kb / 36P
   8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
April 2002
M29F080A STMICROELECTRONICS-M29F080A Datasheet
131Kb / 21P
   8 Mbit 1Mb x8, Uniform Block Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com