Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W128GH70N3E Datasheet(PDF) 92 Page - Numonyx B.V

Part # M29W128GH70N3E
Description  128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W128GH70N3E Datasheet(HTML) 92 Page - Numonyx B.V

Back Button M29W128GH70N3E Datasheet HTML 86Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 87Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 88Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 89Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 90Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 91Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 92Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 93Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 94Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 92 / 94 page
background image
Revision history
M29W128GH, M29W128GL
92/94
12
Revision history
Table 43.
Document revision history
Date
Version
Changes
24-Nov-2006
0.1
Initial release.
30-Mar-2007
1
VIO changed to VCCQ in the whole document and added in Table 21: Absolute
maximum ratings.
Chip program time without VPPH updated in Features section.
RP signal acting as a reset input, unprotection of all the blocks previously protected
using a high voltage block protection technique removed.
Table 4: Bus operations, 8-bit mode and Table 5: Bus operations, 16-bit mode
updated. Table 6: Read electronic signature - auto select mode - programmer
method (8-bit mode) and Table 7: Read electronic signature - auto select mode -
programmer method (16-bit mode) updated. Table 8: Block protection - auto select
mode - programmer method (8-bit mode) and Table 9: Block protection - auto select
mode - programmer method (16-bit mode) updated.
Section 5: Software protection added, together with the related commands.
Unlock Bypass Block Erase, Unlock Bypass Chip Erase, and Unlock Write to Buffer
and Program commands added.
Lock register description added in Section 7.1.
23-Oct-2007
2
Enhanced Buffered Program commands added (see on page1 and from
Section 6.2.2 to Section 6.2.12).
Modified values for page access, random access, programming time, and chip
program time on page 1. Speed classes changed in Table 27, Table 28, Table 29,
Table 30, and Table 34.
Table 14: Enhanced buffered program commands, 16-bit mode added.
Table 12, Table 13, Table 15, Table 16, Table 17, Table 22, Table 26, Table 38, and
Table 40 updated as well as Figure 23.
Figure 31: Enhanced buffered program flowchart and pseudocode added in
Appendix D.
28-Jan-2008
3
Document status promoted from preliminary data to datasheet.
Speed classes and page size modified on page 1.
Modified: Section 2.8: VPP/write protect (VPP/WP), Section 3.6: Automatic standby,
Section 6.1.5: Block Erase command, Table 3: VPP/WP functions, Table 22:
Operating and AC measurement conditions, Table 25: DC characteristics, and
Table 40: Primary algorithm-specific extended query table.
Added: Table 23: Power-up waiting timings and Figure 12: Power-up waiting timings.
Changed erase suspend latency time in Table 17: Program, erase times and
program, erase endurance cycles.
Minor text changes.
20-Mar-2008
4
Applied Numonyx branding.
21-Apr-2008
5
Modified: Table 4: Bus operations, 8-bit mode, Table 5: Bus operations, 16-bit mode,
Table 23: Power-up waiting timings, Table 40: Primary algorithm-specific extended
query table, and Figure 12: Power-up waiting timings.
Added tPHWL and tRHWL timings in Table 29: Reset AC characteristics, Figure 22:
Reset AC waveforms (no program/erase ongoing), and Figure 23: Reset during
program/erase operation AC waveforms.
Minor text changes.


Similar Part No. - M29W128GH70N3E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W128GH70N6E NUMONYX-M29W128GH70N6E Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M29W128GH70N6F NUMONYX-M29W128GH70N6F Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
More results

Similar Description - M29W128GH70N3E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29DW127G70NF6E NUMONYX-M29DW127G70NF6E Datasheet
1Mb / 95P
   128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
M29W128GH NUMONYX-M29W128GH Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M29W064FT NUMONYX-M29W064FT Datasheet
1Mb / 69P
   64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29F016D STMICROELECTRONICS-M29F016D_05 Datasheet
704Kb / 37P
   16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
M29F016D STMICROELECTRONICS-M29F016D Datasheet
536Kb / 37P
   16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
M29W017D STMICROELECTRONICS-M29W017D Datasheet
251Kb / 36P
   16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
M29F016B STMICROELECTRONICS-M29F016B Datasheet
135Kb / 22P
   16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
logo
Numonyx B.V
M29W128FH NUMONYX-M29W128FH Datasheet
1Mb / 78P
   128 Mbit (8Mb x 16 or 16Mb x 8, Page, Uniform Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29F080D STMICROELECTRONICS-M29F080D Datasheet
252Kb / 36P
   8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
April 2002
M29F080A STMICROELECTRONICS-M29F080A Datasheet
131Kb / 21P
   8 Mbit 1Mb x8, Uniform Block Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com