Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W128GH70N3E Datasheet(PDF) 54 Page - Numonyx B.V

Part # M29W128GH70N3E
Description  128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W128GH70N3E Datasheet(HTML) 54 Page - Numonyx B.V

Back Button M29W128GH70N3E Datasheet HTML 50Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 51Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 52Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 53Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 54Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 55Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 56Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 57Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 58Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 94 page
background image
Registers
M29W128GH, M29W128GL
54/94
before other commands are issued. The error bit is output on DQ5 when the status register
is read.
Note that the Program command cannot change a bit set to ’0’ back to ’1’ and attempting to
do so will set DQ5 to ‘1’. A bus read operation to that address will show the bit is still ‘0’. One
of the erase commands must be used to set all the bits in a block or in the whole memory
from ’0’ to ’1’.
7.2.4
Erase timer bit (DQ3)
The erase timer bit can be used to identify the start of program/erase controller operation
during a Block Erase command. Once the program/erase controller starts erasing the erase
timer bit is set to ’1’. Before the program/erase controller starts the erase timer bit is set to ’0’
and additional blocks to be erased may be written to the command interface. The erase
timer bit is output on DQ3 when the status register is read.
7.2.5
Alternative toggle bit (DQ2)
The alternative toggle bit can be used to monitor the program/erase controller during erase
operations. The alternative toggle bit is output on DQ2 when the status register is read.
During chip erase and block erase operations the toggle bit changes from ’0’ to ’1’ to ’0’,
etc., with successive bus read operations from addresses within the blocks being erased. A
protected block is treated the same as a block not being erased. Once the operation
completes the memory returns to read mode.
During erase suspend the alternative toggle bit changes from ’0’ to ’1’ to ’0’, etc. with
successive bus read operations from addresses within the blocks being erased. Bus read
operations to addresses within blocks not being erased will output the memory array data as
if in read mode.
After an erase operation that causes the error bit to be set, the alternative toggle bit can be
used to identify which block or blocks have caused the error. The alternative toggle bit
changes from ’0’ to ’1’ to ’0’, etc. with successive bus read operations from addresses within
blocks that have not erased correctly. The alternative toggle bit does not change if the
addressed block has erased correctly.
7.3
Buffered program abort bit (DQ1)
The buffered program abort bit, DQ1, is set to ‘1’ when a write to buffer program or
enhanced buffered program operation aborts. The Buffered Program Abort and Reset
command must be issued to return the device to read mode (see write to buffer program in
Section 6.1: Standard commands).


Similar Part No. - M29W128GH70N3E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W128GH70N6E NUMONYX-M29W128GH70N6E Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M29W128GH70N6F NUMONYX-M29W128GH70N6F Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
More results

Similar Description - M29W128GH70N3E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29DW127G70NF6E NUMONYX-M29DW127G70NF6E Datasheet
1Mb / 95P
   128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
M29W128GH NUMONYX-M29W128GH Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M29W064FT NUMONYX-M29W064FT Datasheet
1Mb / 69P
   64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29F016D STMICROELECTRONICS-M29F016D_05 Datasheet
704Kb / 37P
   16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
M29F016D STMICROELECTRONICS-M29F016D Datasheet
536Kb / 37P
   16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
M29W017D STMICROELECTRONICS-M29W017D Datasheet
251Kb / 36P
   16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
M29F016B STMICROELECTRONICS-M29F016B Datasheet
135Kb / 22P
   16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
logo
Numonyx B.V
M29W128FH NUMONYX-M29W128FH Datasheet
1Mb / 78P
   128 Mbit (8Mb x 16 or 16Mb x 8, Page, Uniform Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29F080D STMICROELECTRONICS-M29F080D Datasheet
252Kb / 36P
   8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
April 2002
M29F080A STMICROELECTRONICS-M29F080A Datasheet
131Kb / 21P
   8 Mbit 1Mb x8, Uniform Block Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com