Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W128GH70N3E Datasheet(PDF) 45 Page - Numonyx B.V

Part # M29W128GH70N3E
Description  128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W128GH70N3E Datasheet(HTML) 45 Page - Numonyx B.V

Back Button M29W128GH70N3E Datasheet HTML 41Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 42Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 43Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 44Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 45Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 46Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 47Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 48Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 49Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 94 page
background image
M29W128GH, M29W128GL
Command interface
45/94
6.3.6
NVPB lock bit command set
Enter NVPB Lock Bit Command Set command
Three bus write cycles are required to issue the Enter NVPB Lock Bit Command Set
command. Once the command has been issued, the commands allowing to set the NVPB
lock bit can be issued to the device.
NVPB Lock Bit Program command
The NVPB Lock Bit Program command is used to set the NVPB lock bit to ‘0’ thus locking
the NVPBs and preventing them from being modified.
The NVPB Lock Bit Program command is a special kind of Program command and must be
used according to all the Program command timings. The result from this command can be
verified by checking the status register.
Read NVPB Lock Bit Status command
This command is used to read the status of the NVPB lock bit.
6.3.7
Volatile protection mode command set
Enter Volatile Protection Command Set command
Three bus write cycles are required to issue the Enter Volatile Protection Command Set
command. Once the command has been issued, the commands related to the volatile
protection mode can be issued to the device.
Volatile Protection Bit Program command (VPB Program)
The VPB Program command individually sets a VPB to ‘0’ for a given block.
If the NVPB for the same block is set, the block is locked regardless of the value of the VPB
bit. (see Table 19: Block protection status).
Read VPB Status command
The status of a VPB for a given block can be read by issuing a Read VPB Status command
along with the block address.
VPB Clear command
The VPB Clear command individually clears (sets to ‘1’) the VPB for a given block.
If the NVPB for the same block is set, the block is locked regardless of the value of the VPB
bit (see Table 19: Block protection status).
6.3.8
Exit Protection Command Set command
The Exit Protection Command Set command is used to exit from the lock register, password
protection, non-volatile protection, volatile protection, and NVPB lock bit command set
mode. It returns the device to read mode.


Similar Part No. - M29W128GH70N3E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W128GH70N6E NUMONYX-M29W128GH70N6E Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M29W128GH70N6F NUMONYX-M29W128GH70N6F Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
More results

Similar Description - M29W128GH70N3E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29DW127G70NF6E NUMONYX-M29DW127G70NF6E Datasheet
1Mb / 95P
   128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
M29W128GH NUMONYX-M29W128GH Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M29W064FT NUMONYX-M29W064FT Datasheet
1Mb / 69P
   64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29F016D STMICROELECTRONICS-M29F016D_05 Datasheet
704Kb / 37P
   16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
M29F016D STMICROELECTRONICS-M29F016D Datasheet
536Kb / 37P
   16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
M29W017D STMICROELECTRONICS-M29W017D Datasheet
251Kb / 36P
   16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
M29F016B STMICROELECTRONICS-M29F016B Datasheet
135Kb / 22P
   16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
logo
Numonyx B.V
M29W128FH NUMONYX-M29W128FH Datasheet
1Mb / 78P
   128 Mbit (8Mb x 16 or 16Mb x 8, Page, Uniform Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29F080D STMICROELECTRONICS-M29F080D Datasheet
252Kb / 36P
   8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
April 2002
M29F080A STMICROELECTRONICS-M29F080A Datasheet
131Kb / 21P
   8 Mbit 1Mb x8, Uniform Block Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com