Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO3164E-1 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # RO3164E-1
Description  868.35 MHz SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3164E-1 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  RO3164E-1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3164E-1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 1 of 2
©2008 by RF Monolithics, Inc.
RO3164E - 3/27/08
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Frequency (+25 °C)
Nominal Frequency
RO3164E
fC
2,3,4,5
868.150
868.550
MHz
RO3164E-1
868.200
868.500
RO3164E-2
868.250
868.450
Tolerance from 868.35 MHz
RO3164E
ΔfC
±200
kHz
RO3164E-1
±150
RO3164E-2
±100
Insertion Loss
IL
2,5,6
1.3
2.0
dB
Quality Factor
Unloaded Q
QU
5,6,7
7200
50
Ω Loaded Q
QL
975
Temperature Stability
Turnover Temperature
TO
6,7,8
10
25
40
°C
Turnover Frequency
fO
fC
kHz
Frequency Temperature Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1
<±10
ppm/yr
DC Insulation Resistance between Any Two Terminals
5
1.0
M
Ω
RF Equivalent RLC Model
Motional Resistance
RM
5, 6, 7, 9
16
Ω
Motional Inductance
LM
20
µH
Motional Capacitance
CM
1.7
fF
Shunt Static Capacitance
CO
5, 6, 9
1.6
pF
Test Fixture Shunt Inductance
LTEST
2, 7
20
nH
Lid Symbolization (in addition to Lot and/or Date Codes)
RO3164E 686, RO3164E-1 773, RO3164E-2 774 / YWWS
Standard Reel Quantity
Reel Size 7 Inch
10
500 Pieces / Reel
Reel Size 13 Inch
3000 Pieces / Reel
• Ideal for European 868.35 MHz Transmitters
• Very Low Series Resistance
• Quartz Stability
• Complies with Directive 2002/95/EC (RoHS)
The RO3164E is a true one-port, surface-acoustic-wave (SAW) resonator in a surface-mount ceramic case.
It provides reliable, fundamental-mode, quartz frequency stabilization of fixed-frequency transmitters
operating at 868.35 MHz. This SAW is designed specifically for remote-control and wireless security
transmitters operating under ETSI-ETS 300 220 in Europe and under FTZ 17 TR 2100 in Germany.
Absolute Maximum Ratings
Rating
Value
Units
Input Power Level
0
dBm
DC Voltage
12
VDC
Storage Temperature
-40 to +125
°C
Operating Temperature Range
-40 to +125
°C
Soldering Temperature
+260
°C
868.35 MHz
SAW
Resonator
RO3164E
RO3164E-1
RO3164E-2
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency aging is the change in fC with time and is specified at +65°C or less.
Aging may exceed the specification for prolonged temperatures above +65°C.
Typically, aging is greatest the first year after manufacture, decreasing in subse-
quent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point, ILMIN,
with the resonator in the 50
Ω test system (VSWR ≤ 1.2:1). The shunt
inductance, LTEST, is tuned for parallel resonance with CO at fC. Typically,
fOSCILLATOR or fTRANSMITTER is approximately equal to the resonator fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197.
4.
Typically, equipment utilizing this device requires emissions testing and
government approval, which is the responsibility of the equipment manufacturer.
5.
Unless noted otherwise, case temperature TC = +25°C±2°C.
6.
The design, manufacturing process, and specifications of this device are subject
to change without notice.
7.
Derived mathematically from one or more of the following directly measured
parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover)
frequency, fO. The nominal frequency at any case temperature, TC, may be
calculated from: f = fO [1 - FTC (TO -TC)
2]. Typically oscillator T
O is
approximately equal to the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the
resonant frequency and is provided for reference only. The capacitance CO is
the static (nonmotional) capacitance between the two terminals measured at low
frequency (10 MHz) with a capacitance meter. The measurement includes
parasitic capacitance with "NC” pads unconnected. Case parasitic capacitance
is approximately 0.05 pF. Transducer parallel capacitance can by calculated as:
CP ≈ CO -0.05pF.
10.
Ta
pe and Reel Standard for ANSI / EIA 481.
SM3030-6 Case
3.0 X 3.0
Pb


Similar Part No. - RO3164E-1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3164E-1 MURATA-RO3164E-1_15 Datasheet
100Kb / 2P
   868.35 MHz SAW Resonator
More results

Similar Description - RO3164E-1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3164D-2 MURATA-RO3164D-2_15 Datasheet
100Kb / 2P
   868.35 MHz SAW Resonator
RO3164E-1 MURATA-RO3164E-1_15 Datasheet
100Kb / 2P
   868.35 MHz SAW Resonator
RO3164 MURATA-RO3164 Datasheet
141Kb / 2P
   868.35 MHz SAW Resonator
RO3164A-3 MURATA-RO3164A-3 Datasheet
63Kb / 2P
   868.35 MHz SAW Resonator
RO3164E-3 MURATA-RO3164E-3 Datasheet
431Kb / 2P
   868.35 MHz SAW Resonator
RO3164E-3 MURATA-RO3164E-3_15 Datasheet
208Kb / 2P
   868.35 MHz SAW Resonator
RO3164D-3 MURATA-RO3164D-3 Datasheet
124Kb / 2P
   868.35 MHz SAW Resonator
RO3164D MURATA-RO3164D_15 Datasheet
206Kb / 3P
   868.35 MHz SAW Resonator
RO3164E MURATA-RO3164E_15 Datasheet
206Kb / 3P
   868.35 MHz SAW Resonator
RO3164E-2 MURATA-RO3164E-2_15 Datasheet
100Kb / 2P
   868.35 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com