Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO3156D Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # RO3156D
Description  868.95 MHz SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3156D Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  RO3156D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3156D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 2
©2009 by RF Monolithics, Inc.
RO3156D - 7/30/09
-80 -60 -40 -20
0 +20 +40 +60
0
-50
-100
-150
+80
-200
0
-50
-100
-150
-200
f
C = f O , T C = T O
∆T = T
C - T O ( °C )
0.05 pF*
0.05 pF
Cp
Co
+
=
*Case Parasitics
Cp
Rm
Lm
Cm
Equivalent LC Model
Temperature Characteristics
The curve shown on the right accounts for resonator contribution only and
does not include LC component temperature contributions.
Pin
Connection
1NC
2
Terminal
3NC
4NC
5
Terminal
6NC
Power Test
Electrical Connections
The SAW resonator is bidirectional and
may be installed with either orientation.
The two terminals are interchangeable
and unnumbered. The callout NC
indicates no internal connection. The NC
pads assist with mechanical positioning
and stability. External grounding of the
NC pads is recommended to help reduce
parasitic capacitance in the circuit.
Typical Test Circuit
The test circuit inductor, LTEST, is tuned to resonate with the static
capacitance, CO, at FC.
Electrical Test
Typical Application Circuits
From 50
Network Analyzer
To 50
Network Analyzer
2
3
6
5
4
1
Low-Loss
Matching
Network to
50
50
Ω Source
at F
C
P
INCIDENT
P
REFLECTED
2
3
6
5
4
1
Modulation
Input
ROXXXXC
Bottom View
200k
C1
L1
(Antenna)
47
+9VDC
C2
RF Bypass
470
Typical Low-Power Transmitter Application
2
3
6
5
4
1
+VDC
ROXXXXC
Bottom View
200k
C1
L1
+VDC
C2
RF Bypass
Typical Local Oscillator Application
Output
2
3
6
5
4
1
Case Dimensions
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
3.60
3.80
4.0
0.14
0.15
0.16
B
3.60
3.80
4.0
0.14
0.15
0.16
C
1.00
1.20
1.40
0.04
0.05
0.055
D
0.95
1.10
1.25
0.033
0.043
0.05
E
2.39
2.54
2.69
0.090
0.10
0.110
G
0.90
1.0
1.10
0.035
0.04
0.043
H
1.90
2.0
2.10
0.75
0.08
0.83
I
0.50
0.6
0.70
0.020
0.024
0.028
J
1.70
1.8
1.90
0.067
0.07
0.075
1
2
3
6
5
4
1
2
3
6
5
4
A
BC
D
J
E
GH
I


Similar Part No. - RO3156D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO3156A RFM-RO3156A Datasheet
58Kb / 2P
868.95 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3156A MURATA-RO3156A Datasheet
391Kb / 2P
868.95 MHz SAW Resonator
logo
RF Monolithics, Inc
RO3156A-1 RFM-RO3156A-1 Datasheet
58Kb / 2P
868.95 MHz SAW Resonator
RO3156A-2 RFM-RO3156A-2 Datasheet
58Kb / 2P
868.95 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3156A-3 MURATA-RO3156A-3 Datasheet
75Kb / 2P
868.95 MHz SAW Resonator
More results

Similar Description - RO3156D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1319D RFM-RF1319D Datasheet
56Kb / 2P
868.95 MHz SAW Filter
RO2156A RFM-RO2156A Datasheet
98Kb / 2P
868.95 MHz SAW Resonator
RO2156D RFM-RO2156D Datasheet
95Kb / 2P
868.95 MHz SAW Resonator
RO3156A RFM-RO3156A Datasheet
58Kb / 2P
868.95 MHz SAW Resonator
logo
Vanlong Technology Co.,...
SR5908 VANLONG-SR5908 Datasheet
92Kb / 2P
868.95 MHz One Port SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0322A TAI-SAW-TC0322A Datasheet
347Kb / 6P
SAW Resonator 868.95 MHz SMD 3X3 mm
logo
Murata Manufacturing Co...
RO3156A MURATA-RO3156A Datasheet
391Kb / 2P
868.95 MHz SAW Resonator
RO3156A-3 MURATA-RO3156A-3 Datasheet
75Kb / 2P
868.95 MHz SAW Resonator
RO3156E MURATA-RO3156E Datasheet
394Kb / 2P
868.95 MHz SAW Resonator
RO3156E-3 MURATA-RO3156E-3 Datasheet
445Kb / 2P
868.95 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com