Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO3144A Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # RO3144A
Description  916.5 MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3144A Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  RO3144A Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3144A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 2
© 2009-2011 by RF Monolithics, Inc.
RO3144A - 8/15/11
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Frequency, +25 °C
RO3144A
fC
2,3,4,5
916.300
916.700
MHz
RO3144A-1
916.350
916.650
RO3144A-2
916.400
916.600
Tolerance from 916.5 MHz
RO3144A
∆fC
±200
kHz
RO3144A-1
±150
RO3144A-2
±100
Insertion Loss
IL
2,5,6
1.2
2.5
dB
Quality Factor
Unloaded Q
QU
5,6,7
6600
50
Ω Loaded Q
QL
750
Temperature Stability
Turnover Temperature
TO
6,7,8
10
25
40
°C
Turnover Frequency
fO
fC
kHz
Frequency Temperature Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1
<±10
ppm/yr
DC Insulation Resistance between Any Two Terminals
5
1.0
M
RF Equivalent RLC Model
Motional Resistance
RM
5, 6, 7, 9
13.1
Motional Inductance
LM
15
µH
Motional Capacitance
CM
2.1
fF
Shunt Static Capacitance
CO
5, 6, 9
2.09
pF
Test Fixture Shunt Inductance
LTEST
2, 7
14.5
nH
Lid Symbolization
RO3144A: 663, RO3144A-1: 897, RO3144A-2: 813, // YWWS
• Ideal for 916.5 MHz Transmitters
• Very Low Series Resistance
• Quartz Stability
• Surface-mount Ceramic Case
• Complies with Directive 2002/95/EC (RoHS)
The RO3144A is a true one-port, surface-acoustic-wave (SAW) resonator in a surface-mount ceramic case.
It provides reliable, fundamental-mode, quartz frequency stabilization of fixed-frequency transmitters
operating at 916.5 MHz.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation
0
dBm
DC Voltage Between Terminals
±30
VDC
Case Temperature
-40 to +85
°C
Soldering Temperature, 10 seconds / 5 cycles maximum
260
°C
916.5 MHz
SAW
Resonator
RO3144A
RO3144A-1
RO3144A-2
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency aging is the change in fC with time and is specified at +65 °C or
less. Aging may exceed the specification for prolonged temperatures
above +65 °C. Typically, aging is greatest the first year after manufacture,
decreasing in subsequent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point,
ILMIN, with the resonator in the 50 Ω test system (VSWR ≤ 1.2:1). The
shunt inductance, LTEST, is tuned for parallel resonance with CO at fC.
Typically, fOSCILLATOR or fTRANSMITTER is approximately equal to the
resonator fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197.
4.
Typically, equipment utilizing this device requires emissions testing and
government approval, which is the responsibility of the equipment
manufacturer.
5.
Unless noted otherwise, case temperature TC =+25 ± 2 °C.
6.
The design, manufacturing process, and specifications of this device are
subject to change without notice.
7.
Derived mathematically from one or more of the following directly
measured parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover)
frequency, fO. The nominal frequency at any case temperature, TC, may be
calculated from: f = fO [1 - FTC (TO -TC)
2]. Typically oscillator T
O is
approximately equal to the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the
resonant frequency and is provided for reference only. The capacitance CO
is the static (nonmotional) capacitance between the two terminals
measured at low frequency (10 MHz) with a capacitance meter. The
measurement includes parasitic capacitance with "NC” pads unconnected.
Case parasitic capacitance is approximately 0.05 pF. Transducer parallel
capacitance can by calculated as: CP ≈ CO -0.05pF.
SM5035-4
Pb


Similar Part No. - RO3144A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3144D MURATA-RO3144D Datasheet
249Kb / 2P
Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
RO3144E-1 MURATA-RO3144E-1 Datasheet
219Kb / 2P
Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
RO3144E-2 MURATA-RO3144E-2 Datasheet
219Kb / 2P
Ideal for 916.5 MHz Remote Control and Data Telemetry Transmitters
More results

Similar Description - RO3144A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1181D RFM-RF1181D Datasheet
110Kb / 3P
916.5 MHz SAW Filter
RF1181B RFM-RF1181B Datasheet
295Kb / 2P
916.5 MHz SAW Filter
RO2144A RFM-RO2144A Datasheet
100Kb / 2P
916.5 MHz SAW Resonator
RO2144D RFM-RO2144D Datasheet
97Kb / 2P
916.5 MHz SAW Resonator
RO2144E RFM-RO2144E Datasheet
96Kb / 2P
916.5 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0154A TAI-SAW-TC0154A Datasheet
338Kb / 4P
SAW Resonator 916.5 MHz SMD 5X5 mm
TC0391A TAI-SAW-TC0391A Datasheet
271Kb / 5P
SAW Resonator 916.5 MHz SMD 3X3 mm
logo
RF Monolithics, Inc
RF3181D RFM-RF3181D Datasheet
63Kb / 2P
916.5 MHz SAW Filter
RF3181E RFM-RF3181E Datasheet
201Kb / 2P
916.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TC0391B TAI-SAW-TC0391B Datasheet
272Kb / 5P
SAW Resonator 916.5 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com