Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO3104A Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # RO3104A
Description  303.825 MHz SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3104A Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  RO3104A Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3104A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 2
© 2009-2011 by RF Monolithics, Inc.
RO3104A - 6/28/11
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Frequency, +25 °C
Nominal Frequency
fC
2, 3, 4, 5
303.750
303.900
MHz
Tolerance from 303.825 MHz
∆fC
±75
kHz
Insertion Loss
IL
2, 5, 6
1.5
2.0
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
11,000
50
Ω Loaded Q
QL
1,460
Temperature Stability
Turnover Temperature
TO
6, 7, 8
10
25
40
°C
Turnover Frequency
fO
fC
Frequency Temperature Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1, 6
10
ppm/yr
DC Insulation Resistance between Any Two Terminals
5
1.0
M
RF Equivalent RLC Model
Motional Resistance
RM
5, 6, 7,
9,
15.4
Motional Inductance
LM
88.4
µH
Motional Capacitance
CM
3.1
fF
Transducer Static Capacitance
CO
5, 6, 9
3.3
pF
Test Fixture Shunt Inductance
LTEST
2, 7
82
nH
Lid Symbolization
662 // YWWS
• Ideal for 303.825 MHz Transmitters
• Very Low Series Resistance
• Quartz Stability
• Surface-mount Ceramic Case
• Complies with Directive 2002/95/EC (RoHS)
The RO3104A is a true one-port, surface-acoustic-wave (SAW) resonator in a surface-mount, ceramic case.
It provides reliable, fundamental-mode, quartz frequency stabilization of fixed-frequency transmitters
operating at 303.825 MHz. This SAW is designed specifically for AM transmitters in wireless security and
remote control applications.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation (See Typical Test Circuit)
0
dBm
DC Voltage Between Terminals (Observe ESD Precautions)
±30
VDC
Case Temperature
-40 to +85
°C
Soldering Temperature (10 seconds / 5 cycles maximum)
260
°C
303.825 MHz
SAW
Resonator
RO3104A
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency aging is the change in fC with time and is specified at +65 °C or
less. Aging may exceed the specification for prolonged temperatures
above +65 °C. Typically, aging is greatest the first year after manufacture,
decreasing in subsequent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point,
ILMIN, with the resonator in the 50 Ω test system (VSWR ≤ 1.2:1). The
shunt inductance, LTEST, is tuned for parallel resonance with CO at fC.
Typically, fOSCILLATOR or fTRANSMITTER is approximately equal to the
resonator fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197.
4.
Typically, equipment utilizing this device requires emissions testing and
government approval, which is the responsibility of the equipment
manufacturer.
5.
Unless noted otherwise, case temperature TC =+25 ± 2 °C.
6.
The design, manufacturing process, and specifications of this device are
subject to change without notice.
7.
Derived mathematically from one or more of the following directly
measured parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover)
frequency, fO. The nominal frequency at any case temperature, TC, may be
calculated from: f = fO [1 - FTC (TO -TC)
2]. Typically oscillator T
O is
approximately equal to the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the
resonant frequency and is provided for reference only. The capacitance CO
is the static (nonmotional) capacitance between the two terminals
measured at low frequency (10 MHz) with a capacitance meter. The
measurement includes parasitic capacitance with "NC” pads unconnected.
Case parasitic capacitance is approximately 0.05 pF. Transducer parallel
capacitance can by calculated as: CP ≈ CO -0.05pF.
10.
Tape and Reel standard per ANSI / EIA 481.
SM5035-4 Case
Pb


Similar Part No. - RO3104A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3104 MURATA-RO3104 Datasheet
195Kb / 2P
   303.825 MHz SAW Resonator
RO3104C MURATA-RO3104C Datasheet
97Kb / 2P
   303.825 MHz SAW Resonator
RO3104D MURATA-RO3104D Datasheet
100Kb / 2P
   303.825 MHz SAW Resonator
RO3104E MURATA-RO3104E Datasheet
99Kb / 2P
   303.825 MHz SAW Resonator
More results

Similar Description - RO3104A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3104D MURATA-RO3104D Datasheet
100Kb / 2P
   303.825 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0541A TAI-SAW-TC0541A Datasheet
386Kb / 6P
   SAW Resonator 303.825 MHz
logo
RF Monolithics, Inc
RO2104 RFM-RO2104 Datasheet
146Kb / 2P
   303.825 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3104 MURATA-RO3104 Datasheet
195Kb / 2P
   303.825 MHz SAW Resonator
RO3112 MURATA-RO3112 Datasheet
142Kb / 2P
   303.825 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2104-1 RFM-RO2104-1 Datasheet
146Kb / 2P
   303.825 MHz SAW Resonator
RO2104A RFM-RO2104A Datasheet
100Kb / 2P
   303.825 MHz SAW Resonator
RO2104D RFM-RO2104D Datasheet
97Kb / 2P
   303.825 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3104C MURATA-RO3104C Datasheet
97Kb / 2P
   303.825 MHz SAW Resonator
RO3104E MURATA-RO3104E Datasheet
99Kb / 2P
   303.825 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com