Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO3103E Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # RO3103E
Description  418.0 MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3103E Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  RO3103E Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3103E Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 2
©2008 by RF Monolithics, Inc.
RO3103E - 12/19/08
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Frequency (+25 °C)
Nominal Frequency
fC
2, 3, 4, 5
417.925
418.075
MHz
Tolerance from 418.00 MHz
∆fC
±75
kHz
Insertion Loss
IL
2, 5, 6
1.3
2.0
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
10700
50
Ω Loaded Q
QL
1500
Temperature Stability
Turnover Temperature
TO
6, 7, 8
10
25
40
°C
Turnover Frequency
fO
fC
Frequency Temperature Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1, 6
10
ppm/yr
DC Insulation Resistance between Any Two Terminals
5
1.0
M
RF Equivalent RLC Model
Motional Resistance
RM
5, 6, 7,
9,
16.7
Motional Inductance
LM
67
µH
Motional Capacitance
CM
2.2
fF
Transducer Static Capacitance
CO
5, 6, 9
2.4
pF
Test Fixture Shunt Inductance
LTEST
2, 7
62
nH
Lid Symbolization
676 // YWWS
Standard Reel Quantity
Reel Size 7 Inch
10
500 Pieces/Reel
Reel Size 13 Inch
3000 Pieces/Reel
• Ideal for 418.00 MHz Transmitters
• Very Low Series Resistance
• Quartz Stability
• Surface-Mount, Ceramic Case with 21 mm2 Footprint
• Complies with Directive 2002/95/EC (RoHS)
The RO3103E is a true one-port, surface-acoustic-wave (SAW) resonator in a surface-mount, ceramic case.
It provides reliable, fundamental-mode, quartz frequency stabilization of fixed-frequency transmitters
operating at 418.00 MHz. This SAW is designed specifically for AM transmitters in wireless security and
remote control applications operating in the USA under FCC Part 15, in Australia, in Japan, and in Korea.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation (See Typical Test Circuit)
0
dBm
DC Voltage Between Terminals (Observe ESD Precautions)
12
VDC
Case Temperature
-40 to +85
°C
Soldering Temperature
+260
°C
418.00 MHz
SAW
Resonator
RO3103E
1.
Frequency aging is the change in fC with time and is specified at +65°C or
less. Aging may exceed the specification for prolonged temperatures
above +65°C. Typically, aging is greatest the first year after manufacture,
decreasing in subsequent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point,
ILMIN, with the resonator in the 50 Ω test system (VSWR ≤ 1.2:1). The
shunt inductance, LTEST, is tuned for parallel resonance with CO at fC.
Typically, fOSCILLATOR or fTRANSMITTER is approximately equal to the
resonator fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197.
4.
Typically, equipment utilizing this device requires emissions testing and
government approval, which is the responsibility of the equipment
manufacturer.
5.
Unless noted otherwise, case temperature TC = +25°C±2°C.
6.
The design, manufacturing process, and specifications of this device are
subject to change.
7.
Derived mathematically from one or more of the following directly
measured parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover)
frequency, fO. The nominal frequency at any case temperature, TC, may be
calculated from: f = fO [1 - FTC (TO -TC)
2]. Typically oscillator T
O is
approximately equal to the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the
resonant frequency and is provided for reference only. The capacitance CO
is the static (nonmotional) capacitance between the two terminals
measured at low frequency (10 MHz) with a capacitance meter. The
measurement includes parasitic capacitance with "NC” pads unconnected.
Case parasitic capacitance is approximately 0.05 pF. Transducer parallel
capacitance can by calculated as: CP ≈ CO -0.05pF.
10.
Tape and Reel Standard Per ANSI / EIA 481.
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
SM3030-6 Case
3.0 X 3.0
Pb


Similar Part No. - RO3103E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3103 MURATA-RO3103 Datasheet
1Mb / 2P
418.0 MHz SAW Resonator
logo
RF Monolithics, Inc
RO3103A RFM-RO3103A Datasheet
58Kb / 2P
418.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3103A MURATA-RO3103A Datasheet
392Kb / 2P
418.0 MHz SAW Resonator
More results

Similar Description - RO3103E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2103A RFM-RO2103A Datasheet
169Kb / 2P
418.0 MHz SAW Resonator
RF1171 RFM-RF1171 Datasheet
158Kb / 2P
418.0 MHz SAW Filter
RF1171B RFM-RF1171B Datasheet
166Kb / 2P
418.0 MHz SAW Filter
RP1237 RFM-RP1237 Datasheet
93Kb / 2P
418.0 MHz SAW Resonator
RO3103A RFM-RO3103A Datasheet
58Kb / 2P
418.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3103 MURATA-RO3103 Datasheet
1Mb / 2P
418.0 MHz SAW Resonator
RO3103A MURATA-RO3103A Datasheet
392Kb / 2P
418.0 MHz SAW Resonator
RF1171 MURATA-RF1171 Datasheet
129Kb / 2P
418.0 MHz SAW Filter
RF3171D MURATA-RF3171D Datasheet
101Kb / 4P
418.0 MHz SAW Filter
logo
Golledge Electronics Lt...
MA05649 GOLLEDGE-MA05649 Datasheet
78Kb / 4P
418.0 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com