Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO3103A Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # RO3103A
Description  418.0 MHz SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3103A Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  RO3103A Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3103A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 2
© 2008-2011by RF Monolithics, Inc.
RO3103A - 6/29/11
Electrical Connections
The SAW resonator is bidirectional and may be
installed with either orientation. The two terminals
are interchangeable and unnumbered. The callout
NC indicates no internal connection. The NC pads
assist with mechanical positioning and stability.
External grounding of the NC pads is
recommended to help reduce parasitic
capacitance in the circuit.
Typical Test Circuit
The test circuit inductor, LTEST, is tuned to resonate with the static
capacitance, CO, at FC.
Typical Application Circuits
Equivalent Model
Temperature Characteristics
The curve shown on the right
accounts for resonator
contribution only and does not
include LC component
temperature contributions.
Case
Terminal
Terminal
ELECTRICAL TEST
From 50
Network Analyzer
To 50
Network Analyzer
50
Ω Source
at F
C
REFLECTED
INCIDENT
P
P
Low-Loss
Matching
Network to
50
Terminal
Terminal
NC
NC
POWER TEST
CW RF Power Dissipation =
INCIDENT -
REFLECTED
P
P
C1
C2
L1
(Antenna)
+9VDC
47
RF Bypass
Modulation
Input
Typical Low-Power Transmitter Application
RO3XXXA
Bottom View
470
200k
C1
C2
L1
Output
+VDC
RF Bypass
+VDC
Typical Local Oscillator Applications
RO3XXXA
Bottom View
Dimensions
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
4.87
5.00
5.13
0.191
0.196
0.201
B
3.37
3.50
3.63
0.132
0.137
0.142
C
1.45
1.53
1.60
0.057
0.060
0.062
D
1.35
1.43
1.50
0.040
0.057
0.059
E
0.67
0.80
0.93
0.026
0.031
0.036
F
0.37
0.50
0.63
0.014
0.019
0.024
G
1.07
1.20
1.33
0.042
0.047
0.052
H
-
1.04
-
-
0.041
-
I
-
1.46
-
-
0.058
-
J
-
0.50
-
-
0.019
-
K
-
1.05
-
-
0.041
-
L
-
1.44
-
-
0.057
-
M
-
0.71
-
-
0.028
-
0.05 pF*
0.05 pF
Cp
Co
+
=
*Case Parasitics
Cp
Rm
Lm
Cm
-80 -60 -40 -20
0 +20 +40 +60
0
-50
-100
-150
+80
-200
0
-50
-100
-150
-200
f
C = f O , T C = T O
∆T = T
C - T O ( °C )
B
C
D
E ( 3 x )
F ( 4 x )
G ( 1 x )
T o p V i e w
S i d e V i e w
B o t t o m V i e w
1
2
3
4
H
I
H
H
J
J
K
L
M
M
PCB Land Pattern
Top View


Similar Part No. - RO3103A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO3103A RFM-RO3103A Datasheet
58Kb / 2P
   418.0 MHz SAW Resonator
More results

Similar Description - RO3103A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3103 MURATA-RO3103 Datasheet
1Mb / 2P
   418.0 MHz SAW Resonator
logo
RF Monolithics, Inc
RP1237 RFM-RP1237 Datasheet
93Kb / 2P
   418.0 MHz SAW Resonator
RO3103A RFM-RO3103A Datasheet
58Kb / 2P
   418.0 MHz SAW Resonator
logo
Golledge Electronics Lt...
MA05649 GOLLEDGE-MA05649 Datasheet
78Kb / 4P
   418.0 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2103A RFM-RO2103A Datasheet
169Kb / 2P
   418.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3103E MURATA-RO3103E Datasheet
121Kb / 2P
   418.0 MHz SAW Resonator
logo
RF Monolithics, Inc
RF1171 RFM-RF1171 Datasheet
158Kb / 2P
   418.0 MHz SAW Filter
RF1171B RFM-RF1171B Datasheet
166Kb / 2P
   418.0 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3171D MURATA-RF3171D Datasheet
101Kb / 4P
   418.0 MHz SAW Filter
RF1171 MURATA-RF1171 Datasheet
129Kb / 2P
   418.0 MHz SAW Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com