Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO3102A-1 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # RO3102A-1
Description  423.22 MHz SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3102A-1 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  RO3102A-1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3102A-1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 2
© 2008-2011 by RF Monolithics, Inc.
RO3102A-1 - 6/29/11
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Frequency, +25 °C
Nominal Frequency
fC
2, 3, 4, 5
423.170
423.270
MHz
Tolerance from 423.220 MHz
∆fC
±50
kHz
Insertion Loss
IL
2, 5, 6
1.0
2.0
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
16,100
50
Ω Loaded Q
QL
1,800
Temperature Stability
Turnover Temperature
TO
6, 7, 8
10
25
40
°C
Turnover Frequency
fO
fC
Frequency Temperature Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1, 6
10
ppm/yr
DC Insulation Resistance between Any Two Terminals
5
1.0
M
RF Equivalent RLC Model
Motional Resistance
RM
5, 6, 7, 9
13
Motional Inductance
LM
87.8
µH
Motional Capacitance
CM
1.6
fF
Shunt Static Capacitance
CO
5, 6, 9
1.5
1.8
2.1
pF
Test Fixture Shunt Inductance
LTEST
2, 7
75
nH
Lid Symbolization
784
• Ideal for 433.92 MHz Superheterodyne Receiver LOs
• Very Low Series Resistance
• Quartz Stability
• Surface-mount Ceramic Case
• Complies with Directive 2002/95/EC (RoHS)
The RO3102A-1 is a true one-port, surface-acoustic-wave (SAW) resonator in a surface-mount, ceramic case.
It provides reliable, fundamental-mode, quartz frequency stabilization of local oscillators operating at
approximately 423.22 MHz. This SAW is designed for 433.92 MHz superhet receivers using a 10.7 MHz IF.
Applications include remote-control and wireless security receivers operating in Europe under ETSI
I-ETS 300 220.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation (See Typical Test Circuit)
+5
dBm
DC Voltage Between Terminals (Observe ESD Precautions)
±30
VDC
Case Temperature
-40 to +85
°C
Soldering Temperature (10 seconds / 5 cycles maximum.)
260
°C
423.22 MHz
SAW
Resonator
RO3102A-1
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency aging is the change in fC with time and is specified at
+65 °C or less. Aging may exceed the specification for prolonged tem-
peratures above +65 °C. Typically, aging is greatest the first year after
manufacture, decreasing in subsequent years.
2.
The center frequency, fC, is measured at the minimum insertion loss
point, ILMIN, with the resonator in the 50 Ω test system (VSWR ≤
1.2:1). The shunt inductance, LTEST, is tuned for parallel resonance
with CO at fC. Typically, fOSCILLATOR or fTRANSMITTER is approximately
equal to the resonator fC.
3.
One or more of the following United States patents apply: 4,454,488
and 4,616,197.
4.
Typically, equipment utilizing this device requires emissions testing
and government approval, which is the responsibility of the equipment
manufacturer.
5.
Unless noted otherwise, case temperature TC = +25 ± 2 °C.
6.
The design, manufacturing process, and specifications of this device
are subject to change without notice.
7.
Derived mathematically from one or more of the following directly
measured parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or
turnover) frequency, fO. The nominal frequency at any case
temperature, TC, may be calculated from: f = fO [1 - FTC (TO -TC)
2].
Typically oscillator TO is approximately equal to the specified
resonator TO.
9.
This equivalent RLC model approximates resonator performance near
the resonant frequency and is provided for reference only. The
capacitance CO is the static (nonmotional) capacitance between the
two terminals measured at low frequency (10 MHz) with a capacitance
meter. The measurement includes parasitic capacitance with "NC”
pads unconnected. Case parasitic capacitance is approximately
0.05 pF. Transducer parallel capacitance can by calculated as:
CP ≈ CO -0.05 pF.
SM5035-4
Pb


Similar Part No. - RO3102A-1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3102A MURATA-RO3102A Datasheet
392Kb / 2P
   423.22 MHz SAW Resonator
More results

Similar Description - RO3102A-1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3102 MURATA-RO3102 Datasheet
191Kb / 2P
   423.22 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2102 RFM-RO2102 Datasheet
146Kb / 2P
   423.22 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0149E TAI-SAW-TC0149E Datasheet
744Kb / 4P
   SAW Resonator 423.22 MHz
logo
Murata Manufacturing Co...
RP1298 MURATA-RP1298_15 Datasheet
253Kb / 2P
   423.22 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2102A RFM-RO2102A Datasheet
169Kb / 2P
   423.22 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3102A MURATA-RO3102A Datasheet
392Kb / 2P
   423.22 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2102A-1 RFM-RO2102A-1 Datasheet
98Kb / 2P
   423.22 MHz SAW Resonator
logo
Murata Manufacturing Co...
RP1298-2 MURATA-RP1298-2 Datasheet
127Kb / 2P
   423.22 MHz SAW Resonator
RP1298-2 MURATA-RP1298-2_15 Datasheet
254Kb / 2P
   423.22 MHz SAW Resonator
logo
RF Monolithics, Inc
RP1298 RFM-RP1298 Datasheet
149Kb / 2P
   423.22 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com