Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO3102 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # RO3102
Description  423.22 MHz SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3102 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  RO3102 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3102 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 2
©2008 by RF Monolithics, Inc.
RO3102 - 9/11/08
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency (+25 °C)
Absolute Frequency
fC
2, 3, 4, 5
423.145
423.295
MHz
Tolerance from 423.220 MHz
∆f
C
±75
kHz
Insertion Loss
IL
2, 5, 6
1.4
2.0
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
12,500
50
Ω Loaded Q
QL
1,900
Temperature Stability
Turnover Temperature
TO
6, 7, 8
10
25
40
°C
Turnover Frequency
fO
fc
kHz
Frequency Temperature Coefficient
FTC
0.037
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1
≤10
ppm/yr
DC Insulation Resistance between Any Two Pins
5
1.0
M
RF Equivalent RLC Model
Motional Resistance
RM
5, 7, 9
13
Motional Inductance
LM
62
µH
Motional Capacitance
CM
2.3
fF
Pin 1 to Pin 2 Static Capacitance
CO
5, 6, 9
1.8
pF
Transducer Static Capacitance
CP
5, 6, 7, 9
1.8
pF
Test Fixture Shunt Inductance
LTEST
2, 7
77
nH
Lid Symbolization (in Addition to Lot and/or Date Codes)
RFM RO3102
TO39-3 Case
• Ideal for European Superheterodyne Receivers at 433.92 MHz
• Extremely Low Series Resistance
• Quartz Stability
• Rugged, Hermetic, Low-Profile TO39 Case
• Complies with Directive 2002/95/EC (RoHS)
The RO3102 is a true one-port, surface-acoustic-wave (SAW) resonator in a low-profile TO39 case. It
provides reliable, fundamental-mode, quartz frequency stabilization of fixed-frequency oscillators operating at
approximately 423.22 MHz. The RO3102 is designed for 433.92 MHz superheterodyne receivers with a
10.7 MHz IF used in remote control and wireless security systems operating under ETSI I-ETS 300 220.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation
+0
dBm
DC Voltage Between Any Two Pins
±30
VDC
Case Temperature
-40 to +85
°C
Solder Temperature, 10 seconds/5 cycles maximum
260
°C
423.22 MHz
SAW
Resonator
RO3102
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency aging is the change in fC with time and is specified at +65°C or
less. Aging may exceed the specification for prolonged temperatures
above +65°C. Typically, aging is greatest the first year after manufacture,
decreasing significantly in subsequent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point,
ILMIN, with the resonator in the 50 Ω test system (VSWR ≤ 1.2:1). The
shunt inductance, LTEST, is tuned for parallel resonance with CO at fC.
Typically, fOSCILLATOR or fTRANSMITTER is less than the resonator fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197 and others pending.
4.
Typically, equipment designs utilizing this device require emissions testing
and government approval, which is the responsibility of the equipment
manufacturer.
5.
Unless noted otherwise, case temperature TC = +25°C±2°C.
6.
The design, manufacturing process, and specifications of this device are
subject to change without notice.
7.
Derived mathematically from one or more of the following directly
measured parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover)
frequency, fO. The nominal frequency at any case temperature, TC, may be
calculated from: f = fO [1 - FTC (TO -TC)
2]. Typically, oscillator T
O is 20°C
less than the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the
resonant frequency and is provided for reference only. The capacitance CO
is the static (nonmotional) capacitance between pin1 and pin 2 measured
at low frequency (10 MHz) with a capacitance meter. The measurement
includes case parasitic capacitance with a floating case. For usual
grounded case applications (with ground co
nnected to either pin 1 or pin
2 and to the case), add approximately 0.25 pF to CO.
Pb


Similar Part No. - RO3102

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3102A MURATA-RO3102A Datasheet
392Kb / 2P
   423.22 MHz SAW Resonator
RO3102A-1 MURATA-RO3102A-1 Datasheet
392Kb / 2P
   423.22 MHz SAW Resonator
More results

Similar Description - RO3102

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2102 RFM-RO2102 Datasheet
146Kb / 2P
   423.22 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0149E TAI-SAW-TC0149E Datasheet
744Kb / 4P
   SAW Resonator 423.22 MHz
logo
Murata Manufacturing Co...
RP1298 MURATA-RP1298_15 Datasheet
253Kb / 2P
   423.22 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2102A RFM-RO2102A Datasheet
169Kb / 2P
   423.22 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3102A MURATA-RO3102A Datasheet
392Kb / 2P
   423.22 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2102A-1 RFM-RO2102A-1 Datasheet
98Kb / 2P
   423.22 MHz SAW Resonator
logo
Murata Manufacturing Co...
RP1298-2 MURATA-RP1298-2 Datasheet
127Kb / 2P
   423.22 MHz SAW Resonator
RP1298-2 MURATA-RP1298-2_15 Datasheet
254Kb / 2P
   423.22 MHz SAW Resonator
logo
RF Monolithics, Inc
RP1298 RFM-RP1298 Datasheet
149Kb / 2P
   423.22 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3102A-1 MURATA-RO3102A-1 Datasheet
392Kb / 2P
   423.22 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com