Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO3101E Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # RO3101E
Description  433.92 MHz SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3101E Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  RO3101E Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3101E Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 2 of 2
© 2008-2011 by RF Monolithics, Inc.
RO3101E - 6/21/11
-80 -60 -40 -20
0 +20 +40 +60
0
-50
-100
-150
+80
-200
0
-50
-100
-150
-200
f
C = f O , T C = T O
∆T = T
C - T O ( °C )
0.05 pF*
0.05 pF
Cp
Co
+
=
*Case Parasitics
Cp
Rm
Lm
Cm
Equivalent LC Model
Temperature Characteristics
The curve shown on the right accounts for resonator contribution only and
does not include LC component temperature contributions.
Pin
Connection
1NC
2
Terminal
3NC
4NC
5
Terminal
6NC
Power Test
Electrical Connections
The SAW resonator is bidirectional and
may be installed with either orientation.
The two terminals are interchangeable
and unnumbered. The callout NC
indicates no internal connection. The NC
pads assist with mechanical positioning
and stability. External grounding of the NC
pads is recommended to help reduce
parasitic capacitance in the circuit.
Typical Test Circuit
The test circuit inductor, LTEST, is tuned to resonate with the static
capacitance, CO, at FC.
Electrical Test
Typical Application Circuits
From 50
Network Analyzer
To 50
Network Analyzer
2
3
6
5
4
1
Low-Loss
Matching
Network to
50
50
Ω Source
at F
C
P
INCIDENT
P
REFLECTED
2
3
6
5
4
1
Modulation
Input
ROXXXXC
Bottom View
200k
C1
L1
(Antenna)
47
+9VDC
C2
RF Bypass
470
Typical Low-Power Transmitter Application
2
3
6
5
4
1
+VDC
ROXXXXC
Bottom View
200k
C1
L1
+VDC
C2
RF Bypass
Typical Local Oscillator Application
Output
2
3
6
5
4
1
1
2
3
6
5
4
1
2
3
6
5
4
A
BC
D
J
EF
GH
I
Case Dimensions
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
2.87
3.00
3.13
0.113
0.118
0.123
B
2.87
3.00
3.13
0.113
0.118
0.123
C
1.12
1.25
1.38
0.044
0.049
0.054
D
0.77
0.90
1.03
0.030
0.035
0.040
E
2.67
2.80
2.93
0.105
0.110
0.115
F
1.47
1.60
1.73
0.058
0.063
0.068
G
0.72
0.85
0.98
0.028
0.033
0.038
H
1.37
1.50
1.63
0.054
0.059
0.064
I
0.47
0.60
0.73
0.019
0.024
0.029
J
1.17
1.30
1.43
0.046
0.051
0.056


Similar Part No. - RO3101E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3101E-1 MURATA-RO3101E-1 Datasheet
228Kb / 2P
   Designed for European 433.92 MHz Remote Control and Security Transmitters
RO3101E-11 MURATA-RO3101E-11 Datasheet
393Kb / 2P
   433.92 MHz SAW Resonator
More results

Similar Description - RO3101E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2101E-2 RFM-RO2101E-2 Datasheet
100Kb / 2P
   433.92 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3101 MURATA-RO3101 Datasheet
141Kb / 2P
   433.92 MHz SAW Resonator
RO3101A-11 MURATA-RO3101A-11 Datasheet
392Kb / 2P
   433.92 MHz SAW Resonator
RO3101C-11 MURATA-RO3101C-11 Datasheet
435Kb / 2P
   433.92 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0219E TAI-SAW-TC0219E Datasheet
402Kb / 6P
   SAW Resonator 433.92 MHz
TC0170AB TAI-SAW-TC0170AB Datasheet
390Kb / 5P
   SAW Resonator 433.92 MHz
logo
List of Unclassifed Man...
FR0433M92-TE11 ETC-FR0433M92-TE11 Datasheet
87Kb / 3P
   433.92 MHz SAW Resonator
logo
Murata Manufacturing Co...
RP1308 MURATA-RP1308_15 Datasheet
254Kb / 2P
   433.92 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC433EDC TAI-SAW-TC433EDC Datasheet
228Kb / 5P
   SAW Resonator 433.92 MHz
TC0269B TAI-SAW-TC0269B Datasheet
344Kb / 5P
   SAW Resonator 433.92 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com