Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO3101A-11 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # RO3101A-11
Description  433.92 MHz SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3101A-11 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  RO3101A-11 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3101A-11 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 2
© 2009-2011 by RF Monolithics, Inc.
RO3101A-11 6/28/11
Electrical Connections
The SAW resonator is bidirectional and may be
installed with either orientation. The two terminals
are interchangeable and unnumbered. The callout
NC indicates no internal connection. The NC pads
assist with mechanical positioning and stability.
External grounding of the NC pads is
recommended to help reduce parasitic
capacitance in the circuit.
Typical Test Circuit
The test circuit inductor, LTEST, is tuned to resonate with the static
capacitance, CO, at FC.
Typical Application Circuits
Equivalent Model
Temperature Characteristics
The curve shown on the right
accounts for resonator
contribution only and does not
include LC component
temperature contributions.
Case
Terminal
Terminal
ELECTRICAL TEST
From 50
Network Analyzer
To 50
Network Analyzer
50
Ω Source
at F
C
REFLECTED
INCIDENT
P
P
Low-Loss
Matching
Network to
50
Terminal
Terminal
NC
NC
POWER TEST
CW RF Power Dissipation =
INCIDENT -
REFLECTED
P
P
C1
C2
L1
(Antenna)
+9VDC
47
RF Bypass
Modulation
Input
Typical Low-Power Transmitter Application
RO3XXXA
Bottom View
470
200k
C1
C2
L1
Output
+VDC
RF Bypass
+VDC
Typical Local Oscillator Applications
RO3XXXA
Bottom View
Dimensions
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
4.87
5.00
5.13
0.191
0.196
0.201
B
3.37
3.50
3.63
0.132
0.137
0.142
C
1.45
1.53
1.60
0.057
0.060
0.062
D
1.35
1.43
1.50
0.040
0.057
0.059
E
0.67
0.80
0.93
0.026
0.031
0.036
F
0.37
0.50
0.63
0.014
0.019
0.024
G
1.07
1.20
1.33
0.042
0.047
0.052
H
-
1.04
-
-
0.041
-
I
-
1.46
-
-
0.058
-
J
-
0.50
-
-
0.019
-
K
-
1.05
-
-
0.041
-
L
-
1.44
-
-
0.057
-
M
-
0.71
-
-
0.028
-
0.05 pF*
0.05 pF
Cp
Co
+
=
*Case Parasitics
Cp
Rm
Lm
Cm
-80 -60 -40 -20
0 +20 +40 +60
0
-50
-100
-150
+80
-200
0
-50
-100
-150
-200
f
C = f O , T C = T O
∆T = T
C - T O ( °C )
B
C
D
E ( 3 x )
F ( 4 x )
G ( 1 x )
T o p V i e w
S i d e V i e w
B o t t o m V i e w
1
2
3
4
H
I
H
H
J
J
K
L
M
M
PCB Land Pattern
Top View


Similar Part No. - RO3101A-11

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3101A-1 MURATA-RO3101A-1 Datasheet
196Kb / 2P
Ideal for European 433.92 MHz Transmitters
More results

Similar Description - RO3101A-11

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2101E-2 RFM-RO2101E-2 Datasheet
100Kb / 2P
433.92 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3101 MURATA-RO3101 Datasheet
141Kb / 2P
433.92 MHz SAW Resonator
RO3101C-11 MURATA-RO3101C-11 Datasheet
435Kb / 2P
433.92 MHz SAW Resonator
RO3101E MURATA-RO3101E Datasheet
390Kb / 2P
433.92 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0219E TAI-SAW-TC0219E Datasheet
402Kb / 6P
SAW Resonator 433.92 MHz
TC0170AB TAI-SAW-TC0170AB Datasheet
390Kb / 5P
SAW Resonator 433.92 MHz
logo
List of Unclassifed Man...
FR0433M92-TE11 ETC-FR0433M92-TE11 Datasheet
87Kb / 3P
433.92 MHz SAW Resonator
logo
Murata Manufacturing Co...
RP1308 MURATA-RP1308_15 Datasheet
254Kb / 2P
433.92 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC433EDC TAI-SAW-TC433EDC Datasheet
228Kb / 5P
SAW Resonator 433.92 MHz
TC0269B TAI-SAW-TC0269B Datasheet
344Kb / 5P
SAW Resonator 433.92 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com