Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRD1050PQ16 Datasheet(PDF) 25 Page - Diodes Incorporated

Part # ZXRD1050PQ16
Description  HIGH EFFICIENCY SIMPLESYNC??PWM DC-DC CONTROLLERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRD1050PQ16 Datasheet(HTML) 25 Page - Diodes Incorporated

Back Button ZXRD1050PQ16 Datasheet HTML 20Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 21Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 22Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 23Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 24Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 25Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 26Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 27Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 28Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT CONDITIONS.
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS 20
V
ID=250µA, VGS=0V
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS=20V, VGS=0V
Gate-Body Leakage
IGSS
100
nA
VGS=± 12V,
VDS=0V
Gate-Source Threshold Voltage
VGS(th)
0.7
V
I
D=250µA, V
DS=
VGS
Static Drain-Source On-State
Resistance (1)
RDS(on)
0.040
0.050
VGS=4.5V, ID=3.8A
VGS=2.7V, ID=1.9A
Forward Transconductance (3)
gfs
6.1
S
VDS=10V,ID=1.9A
DYNAMIC (3)
Input Capacitance
Ciss
1100
pF
VDS=15 V,
VGS=0V, f=1MHz
Output Capacitance
Coss
350
pF
Reverse Transfer Capacitance
Crss
100
pF
SWITCHING(2) (3)
Turn-On Delay Time
td(on)
5.7
ns
VDD =10V, ID=3.8A
RG=6.2Ω, RD=2.6Ω
(Refer to test
circuit)
Rise Time
tr
9.6
ns
Turn-Off Delay Time
td(off)
28.3
ns
Fall Time
tf
11.6
ns
Total Gate Charge
Qg
16
nC
VDS=16V,VGS=4.5V
, I
D=3.8A
(Refer to test
circuit)
Gate-Source Charge
Qgs
3.5
nC
Gate Drain Charge
Qgd
5.4
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage (1)
VSD
0.95
V
Tj=25°C, IS=3.8A,
VGS=0V
Reverse Recovery Time (3)
trr
23.7
ns
Tj=25°C, IF=3.8A,
di/dt= 100A/
µs
Reverse Recovery Charge(3)
Qrr
13.3
nC
(1) Measured under pulsed conditions. Width=300
µs. Duty cycle ≤2% .
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.
Performance Characterisation of ZXM64N02X
ZXRD1000 SERIES
ISSUE 4 - OCTOBER 2000


Similar Part No. - ZXRD1050PQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD1050PQ16 ZETEX-ZXRD1050PQ16 Datasheet
287Kb / 28P
HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
More results

Similar Description - ZXRD1050PQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD1000 ZETEX-ZXRD1000 Datasheet
287Kb / 28P
HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Maxim Integrated Produc...
MAX1652 MAXIM-MAX1652 Datasheet
265Kb / 28P
High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
19-1357; Rev 1; 7/98
logo
Torex Semiconductor
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
PWM Controlled Step-Up DC/DC Controllers/Converters
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
PWM Controlled Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
High Efficiency PWM Step-Down DC-DC Converter
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
PWM Controlled Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
PWM Controlled Step-Down DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com