Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRD1050PQ16 Datasheet(PDF) 22 Page - Diodes Incorporated

Part # ZXRD1050PQ16
Description  HIGH EFFICIENCY SIMPLESYNC??PWM DC-DC CONTROLLERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRD1050PQ16 Datasheet(HTML) 22 Page - Diodes Incorporated

Back Button ZXRD1050PQ16 Datasheet HTML 18Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 19Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 20Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 21Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 22Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 23Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 24Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 25Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 26Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Line regulation
Variation in input voltage for both these conditions
(0.5A and 4A output) shows the excellent line
regulation the ZXRD. Fig.6 shows that with 0.5A and
4A output currents, applying an increase in input
voltage from 5V to 10V , results in only small changes
in output regulation.
Fig.6a Line Regulation 0.5A load
Fig.6b Line Regulation 4A load
Transient Response
Transient response to changes in load is becoming an
increasingly critical feature of many converter circuits.
Many high speed processors make very large step
changes in their load requirements, at the same time
as having more stringent specifications in terms of
overshoot and undershoot. Fig.7 demonstrates the
excellent load transient performance of the ZXRD
series. A step change using an electronic load from 1A
to 3A is shown with corresponding output transient
performance.
Fig.7 Output Transient Response
Non-synchronous Applications
One of the key features of the ZXRD series, when
combined with the SimpleSync
TM technique, is the
flexibility in allowing engineers to choose either a
synchronous or non-synchronous architecture.
Making the design non-synchronous by removing
MOSFET N2 (the synchronous device), replacing the
ZHCS1000 with a high current diode (50WQ04FN)
and using a 2 terminal inductor, such as the Sumida
CDRH127-150MC, decreases cost slightly at the
expense of a few efficiency points. Fig.8 shows the
effect on the efficiency of the 5 to 3.3V 4A application
when the design is made non-synchronous.
22
ISSUE 4 - OCTOBER 2000
ZXRD1000 SERIES


Similar Part No. - ZXRD1050PQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD1050PQ16 ZETEX-ZXRD1050PQ16 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
More results

Similar Description - ZXRD1050PQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD1000 ZETEX-ZXRD1000 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
logo
Maxim Integrated Produc...
MAX1652 MAXIM-MAX1652 Datasheet
265Kb / 28P
   High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
19-1357; Rev 1; 7/98
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com