Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRD1050PQ16 Datasheet(PDF) 17 Page - Diodes Incorporated

Part # ZXRD1050PQ16
Description  HIGH EFFICIENCY SIMPLESYNC??PWM DC-DC CONTROLLERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRD1050PQ16 Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button ZXRD1050PQ16 Datasheet HTML 13Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 14Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 15Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 16Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 17Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 18Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 19Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 20Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 21Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17
Ref
Value
Part Number
Manufacturer
Comments
IC1
ZXRD1050PQ16
Zetex
QSOP16 Controller IC
P1
VIN>12V
VIN<12V
ZXM64P03X
ZXM64P02X
Zetex
MSOP8 Low RDS(ON)
P MOSFET
30V VDS
20V VDS
N1
ZXM64NO3X
Zetex
MSOP8 Low RDS(ON) MOSFET
D1
1A 0.5V VF
ZHCS1000
Zetex
Schottky Diode 1A
R1
100k
WCR0805-100k
Welwyn/IRC
0805 Size
R2
680
WCR0805-680
Welwyn/IRC
0805 Size
R3
24k
WCR0805-24k
Welwyn/IRC
0805 Size
*R3
3k
WCR0805-3k
Welwyn/IRC
0805 Size
*Rx
2.7K
WCR0805-2.7k
Welwyn/IRC
0805 Size
RSENSE
0.015
LR1206R015
Welwyn/IRC
Current Limit Sense Resistor
CIN
OR
OR
68 F
68 F
68 F
TPSV686M025R0150
20SA68M
20SV68M
AVX
Sanyo OS-CON
Sanyo OS-CON
68 F 25V ’E’ low ESR
68 F 20V PTH low ESR
68 F 20V SMT low ESR
COUT
OR
OR
470 F
*150 F
*120 F
TPSE477M010R0200
6SA150M
6SV120M
AVX
Sanyo OS-CON
Sanyo OS-CON
470 F 10V ’E’ low ESR
150 F 6V PTH low ESR
120 f 6V SMT low ESR
COUT
680 F x 2
6CV680GX
Sanyo
680 F 6V SMT Bulk Capacitor
C1
1 FGeneric
1
µF,20V.X7R Dielectric
C2
1 FGeneric
1
µF,4V.X7R Dielectric
C3
330pF
Generic
330pF,4V.X7R Dielectric
C4
1 FGeneric
1
µF,20V.X7R Dielectric
C5
1 FGeneric
1
µF,20V.X7R Dielectric
C6
1 FGeneric
1
µF,4V.X7R Dielectric
C7
22 FGeneric
22
µF,4V.X7R Dielectric
C8
2.2 FGeneric
2.2
µF,20V.X7R Dielectric
C9
1 FGeneric
1
µF,20V.X7R Dielectric
*Cx1
0.022 FGeneric
0.022
µF,4V.X7R Dielectric
*Cx2
10nF
Generic
10nF,20V.X7R Dielectric
L1
OR
15 H
10 H
CDRH127B-OWZ9
6001
Sumida
C&D Technologies
(NCL)
Low Profile SMT
Low Profile SMT
Fx
2785044447
FairRite
SMT Ferrite Bead
* see Optimising for Transient Response Section
ZXRD1000 SERIES
ISSUE 4 - OCTOBER 2000


Similar Part No. - ZXRD1050PQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD1050PQ16 ZETEX-ZXRD1050PQ16 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
More results

Similar Description - ZXRD1050PQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD1000 ZETEX-ZXRD1000 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
logo
Maxim Integrated Produc...
MAX1652 MAXIM-MAX1652 Datasheet
265Kb / 28P
   High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
19-1357; Rev 1; 7/98
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com