Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRD1050PQ16 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # ZXRD1050PQ16
Description  HIGH EFFICIENCY SIMPLESYNC??PWM DC-DC CONTROLLERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRD1050PQ16 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button ZXRD1050PQ16 Datasheet HTML 9Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 10Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 11Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 12Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 13Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 14Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 15Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 16Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
Ref
Value
Part Number
Manufacturer
Comments
IC1
ZXRD1033NQ16
Zetex
QSOP16 Controller IC
N1
VIN>7V
VIN<7V
N2
ZXM64N03X
ZXM64N02X
ZXM64N02X
Zetex
MSOP8 Low RDS(ON)
N MOSFET
30V VDS
20V VDS
20V VDS
D1
1A 0.5V VF
ZHCS1000
Zetex
SOT23 Schottky Diode 1A
D2
10mA 0.4V VF
BAT54
Zetex
SOT23 Schottky Diode
D3
10mA 0.4V VF
BAT54
Zetex
SOT23 Schottky Diode
R1
100k
WCR0805-100k
Welwyn/IRC
0805 Size
R2
680
WCR0805-680
Welwyn/IRC
0805 Size
R3
24k
WCR0805-24k
Welwyn/IRC
0805 Size
*R3
3k
WCR0805-3k
Welwyn/IRC
0805 Size
R4
10k
WCR0805-10k
Welwyn/IRC
0805 Size
*Rx
2.7K
WCR0805-2.7k
Welwyn/IRC
0805 Size
RSENSE
0.01
LR1206R010
Welwyn/IRC
Current Limit Sense Resistor
CIN
OR
OR
68 F
68 F
68 F
TPSD68M016R0150
20SA68M
20SV68M
AVX
Sanyo OS-CON
Sanyo OS-CON
68 F 16V ’E’ low ESR
68 F 20V PTH low ESR
68 F 20V SMT low ESR
COUT
OR
OR
470 F
*150 F
*120 F
TPSE477M010R0200
6SA150M
6SV120M
AVX
Sanyo OS-CON
Sanyo OS-CON
470 F 10V ’E’ low ESR
150 F 6V PTH low ESR
120 f 6V SMT low ESR
COUT
680 F x 2
6CV680GX
Sanyo
680 F 6V SMT Bulk Capacitor
C1
1 FGeneric
1
µF,10V.X7R Dielectric
C2
1 FGeneric
1
µF,4V.X7R Dielectric
C3
330pF
Generic
330pF,4V.X7R Dielectric
C4
1 FGeneric
1
µF,10V.X7R Dielectric
C5
1 FGeneric
1
µF,10V.X7R Dielectric
C6
1 FGeneric
1
µF,4V.X7R Dielectric
C7
22 FGeneric
22
µF,4V.X7R Dielectric
C8
2.2 FGeneric
2.2
µF,10V.X7R Dielectric
C9
1 FGeneric
1
µF,10V.X7R Dielectric
C10
1 FGeneric
1
µF,10V.X7R Dielectric
C11
1 FGeneric
1
µF,10V.X7R Dielectric
*Cx1
0.022 FGeneric
0.022
µF,4V.X7R Dielectric
*Cx2
10nF
Generic
10nF,10V.X7R Dielectric
L1
OR
15 H
10 H
CDRH127B-OWZ9
6001
Sumida SMT
C&D Technologies
(NCL)
Low Profile SMT
Low Profile SMT
Fx
2785044447
FairRite
SMT Ferrite Bead
* see Optimising for Transient Response Section
ZXRD1000 SERIES
ISSUE 4 - OCTOBER 2000


Similar Part No. - ZXRD1050PQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD1050PQ16 ZETEX-ZXRD1050PQ16 Datasheet
287Kb / 28P
HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
More results

Similar Description - ZXRD1050PQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD1000 ZETEX-ZXRD1000 Datasheet
287Kb / 28P
HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Maxim Integrated Produc...
MAX1652 MAXIM-MAX1652 Datasheet
265Kb / 28P
High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
19-1357; Rev 1; 7/98
logo
Torex Semiconductor
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
PWM Controlled Step-Up DC/DC Controllers/Converters
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
PWM Controlled Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
High Efficiency PWM Step-Down DC-DC Converter
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
PWM Controlled Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
PWM Controlled Step-Down DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com