Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRD1050PQ16 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # ZXRD1050PQ16
Description  HIGH EFFICIENCY SIMPLESYNC??PWM DC-DC CONTROLLERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRD1050PQ16 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button ZXRD1050PQ16 Datasheet HTML 7Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 8Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 9Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 10Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 11Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 12Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 13Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 14Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
4.5-10V
N1
ZXM64N02X
L1
15µH
C6
1µF
D1
ZHCS1000
C3
330pF
R3
3k
R1
100k
Fx
C1
1µF
0.01R
C7
22µF
D3
BAT54
C10
1µF
R4
10k
C8
2.2µF
68µF
C4
1µF
C5
1µF
x2
680µF
R6
10k
R5
6k
Cx2
0.01µF
CX1
0.022µF
RX
2k7
N2
ZXM64N02X
R2
680R
D2
BAT54
C11
1µF
C2
1µF
3.3V 4A
C9
1µF
120µF
VCC
COUT
VOUT
RSENSE
13
Bootstrap
VIN
GND
GND
PWR
LBSET
Decoup
RSENSE+
RSENSE -
VFB
CT
LBF
SHDN
VINT
Delay
Comp
VDRIVE
2
1
7
8
16
15
3
4
6
5
10
14
11
9
C
IN
Low input flag
Shut Down
IC1
Optimised Transient Response, 4.5V-10V Input, 3V/4A Output, N Phase Adjustable, SimpleSync
TM
converter 200kHz.


Similar Part No. - ZXRD1050PQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD1050PQ16 ZETEX-ZXRD1050PQ16 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
More results

Similar Description - ZXRD1050PQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD1000 ZETEX-ZXRD1000 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
logo
Maxim Integrated Produc...
MAX1652 MAXIM-MAX1652 Datasheet
265Kb / 28P
   High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
19-1357; Rev 1; 7/98
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com