Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRD1050PQ16 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZXRD1050PQ16
Description  HIGH EFFICIENCY SIMPLESYNC??PWM DC-DC CONTROLLERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRD1050PQ16 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZXRD1050PQ16 Datasheet HTML 5Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 6Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 7Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 8Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 9Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 10Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 11Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 12Page - Diodes Incorporated ZXRD1050PQ16 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Applications (continued)
Low Battery Flag
The low battery flag threshold can be set by the user
to trip at a level determined by the equation:
VLBSET
= 1.25 (1 +
RC
RD
)
RD is recommended to be 10k where RC and RD are
connected as follows:
Hysteresis is typically 20mV at the LBSET pin.
Current Limit
A current limit is set by the low value resistor in the
output path, RSENSE. Since the resistor is only used for
overload current limit, it does not need to be accurate
and can hence be a low cost device.
The value of the current limit is set by using the
equation:
ILIM
(A) =
50
(mV)
RSENSE
(mΩ
)
A graph of Current Limit v RSENSE is shown in the
typical characteristics. This should assist in the
selection of RSENSE appropriate to application.
If desired, RSENSE can also be on the input supply side.
When used on the input side RSENSE should be in series
with the upper output device (i.e. in series with the
drain or source in N and P channel solutions
respectively).Typically in this configuration RSENSE will
be 20m .
Hiccup Time Constant
The hiccup circuit (at the ’delay’ pin) provides overload
protection for the solution. The threshold of the hiccup
mode is determined by the value of RSENSE, When
>50mV is developed across the sense resistor, the
hiccup circuit is triggered, inhibiting the device.
It will stay in this state depending upon the time
constant of the resistor and capacitor connected at the
’delay’ pin.
In order to keep the dissipation down
under overload conditions it is recommended the
circuit be off for approximately 100ms. If for other
application reasons this is too long an off period, this
can be reduced at least by 10:1, care needs to be taken
that any increased dissipation in the external MOSFET
is still acceptable. The resistor capacitor combination
R1,C1 recommended in the applications circuits
provides a delay of 100ms.
Soft Start & Loop Stability
Soft start is determined by the time constant of the
capacitor and resistor C7 and R3. Typically a good
starting point is C7 = 22
µF and R3 = 24k for fixed
voltage variants. For fully adjustable variants see
Optimising for Transient Response later in the
applications section. This network also helps provide
good loop stability.
Low Quiescent Shutdown
Shutdown control is provided via the SHDN pin,
putting the device in to a low quiescent sleep mode.
In some circumstances where rapid sequencing of VCC
can occur (when VCC is turned off and back on) and VCC
has a very rapid rise time (100-200ms) timing conflicts
can occur.
9
ZXRD1000 SERIES
ISSUE 4 - OCTOBER 2000


Similar Part No. - ZXRD1050PQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD1050PQ16 ZETEX-ZXRD1050PQ16 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
More results

Similar Description - ZXRD1050PQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD1000 ZETEX-ZXRD1000 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
logo
Maxim Integrated Produc...
MAX1652 MAXIM-MAX1652 Datasheet
265Kb / 28P
   High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
19-1357; Rev 1; 7/98
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com