Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRD1033PQ16 Datasheet(PDF) 24 Page - Diodes Incorporated

Part # ZXRD1033PQ16
Description  HIGH EFFICIENCY SIMPLESYNC??PWM DC-DC CONTROLLERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRD1033PQ16 Datasheet(HTML) 24 Page - Diodes Incorporated

Back Button ZXRD1033PQ16 Datasheet HTML 20Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 21Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 22Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 23Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 24Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 25Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 26Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 27Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 28Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
ISSUE 4 - OCTOBER 2000
N channel devices offer high efficiency
performance for switching applications.
This fami ly of MOSFETs from Zetex offers a
combination of low on-resistance and low gate charge,
providing optimum performance and high efficiency
for switching applications such as DC - DC conversion.
On resistance is low across the family, from only 40m
(max) for the ZXM64N02X part up to 180m
Ω (max) for
the ZXM61N02F. This means that on-state losses are
minimised, improving efficiency in low frequency drive
applications. Threshold voltages of 0.7V and 1V
minimum allow the MOSFETs to be driven from low
voltage sources.
To minimise switching losses, and hence increase the
efficiency of high frequency operation, gate charge (Qg)
is small. The maximum Qg varies from 3.4nC to 16nC
depending on which device is chosen. Crss (Miller
capacitance) is also low, e.g. typically 30pF for the
ZXM6203E6 device. This results in better efficiency in
high frequency applications.
P channel MOSFETs excel in load
switching applications.
The P-channel MOSFETs offer highly efficient
pe rforma nce for low v olta ge loa d sw itching
applications. This helps increase battery life in portable
equipment.
Minimum threshold voltage is low, only 0.7V or 1V,
e n abling t h e MOS F ETs t o pr ov ide opt i mu m
performance from a low voltage source. To ensure the
device suitability for low voltage applications, drain to
source voltage is specified at 20V or 30V.
To minimise on-state losses, and improve efficiency in
in low frequency drive applications, the on-resistance
(RDS(ON)) is low across the range. For example, the
ZXM64P03X has an RDS(ON) of only 100m
Ω at a gate to
source voltage of 4.5V.
Gate source charge is also low, easing requirements for
the gate driver. Maximum values range from 0.62nC for
the ZXM61P03F, up to 9nC for the ZXM64P03X.
Small outline surface mount packaging
The products have been designed to optimise the
performance of a range of packages. The parts are
offered in SOT23, SOT23-6 and MSOP8 packages. The
MSOP8 enables single or dual devices to be offered.
The MSOP8 is also half the size of competitive SO8
devices and 20% smaller than TSSOP8 alternatives.
Product performance
The following performance characteristics show the
capabilities of the ZXM64N02X. This device is
recommended for use with certain configurations of
the ZXRD DCDC controller circuit.
ZXCM6 Series
Low voltage MOSFETs
Unique structure gives optimum performance for switching applications.
ZXRD1000 SERIES


Similar Part No. - ZXRD1033PQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD1033PQ16 ZETEX-ZXRD1033PQ16 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
More results

Similar Description - ZXRD1033PQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD1000 ZETEX-ZXRD1000 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
logo
Maxim Integrated Produc...
MAX1652 MAXIM-MAX1652 Datasheet
265Kb / 28P
   High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
19-1357; Rev 1; 7/98
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com