Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRD1033PQ16 Datasheet(PDF) 20 Page - Diodes Incorporated

Part # ZXRD1033PQ16
Description  HIGH EFFICIENCY SIMPLESYNC??PWM DC-DC CONTROLLERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRD1033PQ16 Datasheet(HTML) 20 Page - Diodes Incorporated

Back Button ZXRD1033PQ16 Datasheet HTML 16Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 17Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 18Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 19Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 20Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 21Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 22Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 23Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 24Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
Designing with the ZXRD and Dynamic
Performance
This section refers to the reference design for the 3.3V,
4A output N channel synchronous converter. This is
as shown previously in the Optimising for transient
response section of the applications information (page
10). This circuit is also representative of the ZXRD
evaluation board (see ordering information).
The ZXRD series has been designed to give the best
in terms of all round flexibility allowing engineers to
either use the reference design as is, or to tailor the
design to the individual requirements. This section
demonstrates the performance features of the ZXRD
series and its associated components.
Efficiency
Efficiency is often quoted as one of the key parameters
of a DC-DC converter. Not only does it give an
instantaneous idea of heat dissipation, but also an idea
as to the extent battery life can be extended in say
portable applications. Fig.1 shows the efficiency of the
standard application circuit. Efficiency vs Output
current is shown for the 5 to 3.3V configuration.
Startup
Startup is always important in DC-DC converter
applications. Magnetics have large inrush current
requirements. For higher current applications using
large input and output capacitors the startup current can
be quite significant. This can cause several problems.
In many applications the power supply to the DC-DC
converter can be affected. Particularly in battery
powered applications, trying to take large steps in
load current out of the supply can result in either
current limitation (by the internal impedance of the
battery), or it can actually damage the battery.
For the converter itself, large changes in load current
can result in false triggering of the RSENSE circuit. This
could result in device hiccup (see applications section).
The ZXRD programmable soft start function
eliminates both these problems. This is very clear to
see in operation if the main switching waveforms are
examined.
The soft start is programmed by the combination of
resistor and capacitor R3 and C7. As a recommendation,
R3 and C7 are set to 3k and 22
µF respectively, which limits
the peak startup current appropriately in the reference
circuit. Fig.2 shows the startup waveforms. VIN and VOUT
are plotted against time
Efficiency v I
V
=3.3V.
OUT
OUT
50
55
60
65
70
75
80
85
90
95
100
0.1
1
10
I
(A)
OUT
V =5V
IN
Fig.1. 5-3.3V Efficiency to 4A
ISSUE 4 - OCTOBER 2000
ZXRD1000 SERIES


Similar Part No. - ZXRD1033PQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD1033PQ16 ZETEX-ZXRD1033PQ16 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
More results

Similar Description - ZXRD1033PQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD1000 ZETEX-ZXRD1000 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
logo
Maxim Integrated Produc...
MAX1652 MAXIM-MAX1652 Datasheet
265Kb / 28P
   High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
19-1357; Rev 1; 7/98
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com