Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRD1033PQ16 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # ZXRD1033PQ16
Description  HIGH EFFICIENCY SIMPLESYNC??PWM DC-DC CONTROLLERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRD1033PQ16 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button ZXRD1033PQ16 Datasheet HTML 8Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 9Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 10Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 11Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 12Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 13Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 14Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 15Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
N2
4.5-10V
N1
L1
D2
C6
C11
D1
C3
C2
R3
R1
R2
Fx
3.3V 4A
C1
C9
C7
D3
C10
R4
C8
C4
C5
IC1
C
IN
V
CC
Low input flag
Shut Down
C
OUT
V
OUT
R
SENSE
13
Bootstrap
V
IN
G
ND
G
ND
PWR
LB
SET
Decoup
R
SENSE+
R
SENSE -
V
F B
C
T
LBF
SHDN
V
INT
Delay
Comp
V
DRIVE
2
1
7
8
16
15
3
4
6
5
10
14
11
9
50
55
60
65
70
75
80
85
90
95
100
0.1
1
10
Efficiency v I
V
=5.0V.
OUT
OUT
I
(A)
OUT
V =7V
IN
V =10V
IN
12
4.5V -10VInput, 3.3V/4A Output, N Phase, High Efficiency SimpleSync
TM Converter
200kHz
ZXRD1033NQ16
ZXRD1050NQ16
ISSUE 4 - OCTOBER 2000
ZXRD1000 SERIES


Similar Part No. - ZXRD1033PQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD1033PQ16 ZETEX-ZXRD1033PQ16 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
More results

Similar Description - ZXRD1033PQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD1000 ZETEX-ZXRD1000 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
logo
Maxim Integrated Produc...
MAX1652 MAXIM-MAX1652 Datasheet
265Kb / 28P
   High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
19-1357; Rev 1; 7/98
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com