Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRD1033PQ16 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # ZXRD1033PQ16
Description  HIGH EFFICIENCY SIMPLESYNC??PWM DC-DC CONTROLLERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRD1033PQ16 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button ZXRD1033PQ16 Datasheet HTML 6Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 7Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 8Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 9Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 10Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 11Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 12Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 13Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
Optimising for Transient Response.
Transient response is important in applications where
the load current increases and decreases rapidly. To
optimise the system for good transient response
certain criteria have to be observed.
The optimum solution using the ZXRD series uses the
adjustable N phase controller in synchronous mode as
represented in the diagram opposite. The external
networks for this solution require the use of the
adjustable controller option.
By using standard ’bulk’ capacitors in parallel with a
single OS-CON capacitor significant performance
versus cost advantage can be given in this application.
The low ESR of the OS-CON capacitor provides
competitive output voltage ripple at low capacitance
values. The ’bulk’ capacitors aid transient response.
However, the low ESR of the OS-CON capacitor can
cause instability within the system. To maintain
stability an RC network (RX, Cx1 ) ha s t o be
implemented. Furthermore, a capacitor in parallel with
R6 (Cx2) is required to optimise transient response. To
do this the appropriate adjustable ZXRD must be used
because the input to the internal error amplifier (pin
16) has to be accessed. The adjustable device differs
from fixed controller versions in this respect. This
combined with a frequency compensation adjustment
gives an optimised solution for excellent transient
response.
Layout Issues
Layout is critical for the circuit to function in the most
efficient manner in terms of electrical efficiency,
thermal considerations and noise. The following
guidelines should be observed:
A 2.2
µF (C8) decoupling capacitor should be as close
as possible to the drive MOSFETs and D1 anode. This
capacitor is effectively connected across VIN and GND
but should be as close as possible to the appropriate
components in either N or P, synchronous or
non-synchronous configurations. Furthermore the
GND connection of the synchronous MOSFET/D1 and
output capacitors should be close together and use
either a ground plane or at the very least a low
inductance PCB track.
For the standard application circuits, a Gerber file can
be made available for the layout which uses the
materials as listed in the bill of materials table for the
reference designs.
Reference Designs.
In the following section reference circuits are shown for
t he ZX RD se ries in both s ync hronous and
non-synchronous modes. These are shown for each of
the N and P phase controllers. In each case efficiency
graphs are shown for the appropriate configuration
using 3.3V and 5V ZXRD devices. The BOM is then
shown for the design. Additional and alternative
components are shown with a ’*’. These refer to
modifications to the design to optimise for transient
response. Optimisation is reached using the adjustable
version of either N or P phase controller device.
ISSUE 4 - OCTOBER 2000
ZXRD1000 SERIES


Similar Part No. - ZXRD1033PQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD1033PQ16 ZETEX-ZXRD1033PQ16 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
More results

Similar Description - ZXRD1033PQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD1000 ZETEX-ZXRD1000 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
logo
Maxim Integrated Produc...
MAX1652 MAXIM-MAX1652 Datasheet
265Kb / 28P
   High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
19-1357; Rev 1; 7/98
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com