Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRD1033PQ16 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXRD1033PQ16
Description  HIGH EFFICIENCY SIMPLESYNC??PWM DC-DC CONTROLLERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRD1033PQ16 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXRD1033PQ16 Datasheet HTML 1Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 2Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 3Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 4Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 5Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 6Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 7Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 8Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Very high efficiency SimpleSync
TM converter.
FEATURES
• > 95% Efficiency
• Fixed frequency (adjustable) PWM
• Voltage mode to ensure excellent stability &
transient response
• Low quiescent current in shutdown mode,15µA
• Low battery flag
• Output down to 2.0V
• Overload protection
• Demonstration boards available
• Synchronous or non-synchronous operation
• Cost effective solution
• N or P channel MOSFETs
• QSOP16 package
• Fixed 3.3, 5V and adjustable outputs
• Programmable soft start
APPLICATIONS
• High efficiency 5 to 3.3V converters up to 4A
• Sub-notebook computers
• Embedded processor power supply
• Distributed power supply
• Portable instruments
• Local on card conversion
• GPS systems
DESCRIPTION
The ZXRD1000 series provides complete control and
protection functions for a high efficiency (> 95%) DC-DC
converter solution. The choice of external MOSFETs allow
the designer to size devices according to application. The
ZXRD1000 series uses advanced DC-DC converter
techniques to provide synchronous drive capability, using
innovative circuits that allow easy and cost effective
implementation of shoot through protection. The
ZXRD1000 series can be used with an all N channel
topology or a combination N & P channel topology.
Additional functionality includes shutdown control, a
user adjustable low battery flag and simple
adjustment of the fixed PWM switching frequency.
The controller is available with fixed outputs of 5V or
3.3V and an adjustable (2.0 to 12V) output.
4.5-10V
N1
ZXM64N02X
L1
15µH
C6
1µF
D1
ZHCS1000
C3
330pF
R3
3k
R1
100k
Fx
C1
1µF
0.01R
C7
22µF
D3
BAT54
C10
1µF
R4
10k
C8
2.2µF
68µF
C4
1µF
C5
1µF
x2
680µF
R6
10k
R5
6k
Cx2
0.01µF
CX1
0.022µF
RX
2k7
N2
ZXM64N02X
R2
680R
D2
BAT54
C11
1µF
C2
1µF
3.3V 4A
C9
1µF
120µF
VCC
COUT
VOUT
RSENSE
13
Bootstrap
VIN
GND
GND
PWR
LBSET
Decoup
RSENSE+
RSENSE -
VFB
CT
LBF
SHDN
VINT
Delay
Comp
VDRIVE
2
1
7
8
16
15
3
4
6
5
10
14
11
9
C
IN
Low input flag
Shut Down
IC1
HIGH EFFICIENCY SIMPLESYNC
 PWM DC-DC CONTROLLERS
1
ZXRD1000 SERIES
ISSUE 4 - OCTOBER 2000


Similar Part No. - ZXRD1033PQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD1033PQ16 ZETEX-ZXRD1033PQ16 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
More results

Similar Description - ZXRD1033PQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD1000 ZETEX-ZXRD1000 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
logo
Maxim Integrated Produc...
MAX1652 MAXIM-MAX1652 Datasheet
265Kb / 28P
   High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
19-1357; Rev 1; 7/98
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com