Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRD1033PQ16 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXRD1033PQ16
Description  HIGH EFFICIENCY SIMPLESYNC??PWM DC-DC CONTROLLERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRD1033PQ16 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button ZXRD1033PQ16 Datasheet HTML 3Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 4Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 5Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 6Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 7Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 8Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 9Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 10Page - Diodes Incorporated ZXRD1033PQ16 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Applications
Note: Component names refer to designators shown
in the application circuit diagrams.
Output Capacitors
Output capacitors are a critical choice in the overall
performance of the solution. They are required to filter
the output and supply load transient current. They are
also affected by the switching frequency, ripple
current, di/dt and magnitude of transient load current.
ESR plays a key role in determining the value of
capacitor to be used. Combination of both high
frequency, low value ceramic capacitors and low ESR
bulk storage capacitors optimised for switching
applications provide the best response to load
transients and ripple requirements.
Electrolytic
capacitors with low ESR are larger and more
expensive so the ultimate choice is always a
compromise between size, cost and performance.
Care must also be taken to ensure that for large
capacitors, the ESL of the leads does not become an
issue. Excellent low ESR tantalum or electrolytic
capacitors are available from Sanyo OS-CON, AVX,
Sprague and Nichicon.
The output capacitor will also affect loop stability,
transient performance. The capacitor ESR should
preferably be of a similar value to the sense resistor.
Parallel devices may be required.
IRIPPLE(RMS) =
0.29 VOUT (VIN−VOUT)
L f VIN
where L= output filter inductance
f= switching frequency
For output voltage ripple it is necessary to know the
peak ripple current which is given by:
Ipk−pk =
VOUT
( VIN−VOUT)
L f VIN
Voltage ripple is then:-
VRIPPLE
= Ipk
pk ∗ ESR
Input Capacitors
The input capacitor is chosen for its RMS current and
voltage rating. The use of low ESR electrolytic or
tantalum capacitors is recommended. Tantalum
capacitors should have their voltage rating at 2VIN
(max), electrolytic at 1.4VIN(max). IRMS can be
approximated by:
IRMS
= IOUT
√
(VOUT(VIN−VOUT))
VIN
Underspecification of this parameter can affect long
term reliability. An additonal ceramic capacitor should
be used to provide high frequency decoupling at VIN.
Also note that the input capacitance ESR is effectively in
series with the input and hence contributes to efficiency
losses related to IRMS
2 * ESR of the input capacitor.
MOSFET Selection
The ZXRD1000 family can be configured in circuits
where either N or P channel MOSFETs are employed
as the main switch. If an N channel device is used, the
corresponding N phase controller must be chosen.
Similarly, for P channel main switch a P phase
controller must be used. The ordering information has
a clear identifier to distinguish between N and P phase
controllers.
The MOSFET selection is subject to thermal and gate
drive considerations. Care also has to be taken to allow
for transition losses at high input voltages as well as
RDS(ON) los s e s for the m a in MO SF ET . It is
recommended that a device with a drain source
breakdown of at least 1.2 times the maximum VIN
should be used.
For optimum efficiency , two N channel low RDS(on)
devices are required. MOSFETs should be selected
with the lowest RDS(ON) consistent with the output
current required. As a guide, for 3-4A output, <50m
devices would be optimum, provided the devices are
low gate threshold and low gate charge. Typically look
for devices that will be fully enhanced with 2.7V VGS
for 4-5A capability.
Zetex offers a range of low RDS(ON)logic level MOSFETs
which are specifically designed with DC-DC power
conversion in mind. Packaging includes SOT23,
SOT23-6 and MSOP8 options. Ideal examples of
optimum devices would be Zetex ZXM64N03X and
ZXM64N02X (N channel). Contact your local Zetex office
or Zetex web page for further information.
7
ZXRD1000 SERIES
ISSUE 4 - OCTOBER 2000


Similar Part No. - ZXRD1033PQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD1033PQ16 ZETEX-ZXRD1033PQ16 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
More results

Similar Description - ZXRD1033PQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD1000 ZETEX-ZXRD1000 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
logo
Maxim Integrated Produc...
MAX1652 MAXIM-MAX1652 Datasheet
265Kb / 28P
   High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
19-1357; Rev 1; 7/98
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com