Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP240D2 Datasheet(PDF) 13 Page - Opto Electronics Co,. LTD

Part # MP240D2
Description  Solid-State Relays
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

MP240D2 Datasheet(HTML) 13 Page - Opto Electronics Co,. LTD

Back Button MP240D2 Datasheet HTML 9Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 10Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 11Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 12Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 13Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 14Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 15Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 16Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 17Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Solid-State Relays
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2006–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
13
HS Series Specifications
The HS Series features an integrated heatsink, which makes them so cool. Because there is less thermal resistance internal to the
unit than in a standard SSR mounted to the same heat sink, heat dissipates more easily. The built-in heatsink means you don't
have to select a heatsink, and installation is much easier. Each HS-series SSR has built-in hardware for screw mounting and a built-
in DIN-rail adapter clip for mounting to a 35mm DIN rail.
Surge Current Data, Peak Amps
Model Number
240D30-HS
480D25-HS
575D30-HS
Nominal AC Line Voltage
240
480
575
Operating Voltage Range (Volts AC)
24–280
100–530
100–600
Peak Repetitive Voltage Maximum
600
1000
1200
Off-State Leakage (mA) Maximum**
5 mA
10 mA
12 mA
Nominal Output Voltage Drop (RMS)
1.0 volts
1.0 volts
1.0 volts
Nominal Current Rating (Amps)
30
25
30
1 cycle Surge (Amps) Peak
610
610
610
I2t Rating t=8.3 (ms)
1550
1550
1550
Isolation Voltage (transient 4KV)
2,500VRMS
2,500VRMS
2,500VRMS
Dissipation (Nominal Watts/Amp)
1.0
1.0
1.0
Signal Pick-up Voltage
4VDC
(32V allowed)
4VDC
(32V allowed)
4VDC
(32V allowed)
Signal Drop-out Voltage
1 VDC
1 VDC
1 VDC
Nominal Signal Input Resistance (Ohms)
730
1000
1000
θja* (°C/Watt)
2.2
2.2
2.2
Note:
θja* = Thermal resistance from internal junction to ambient. Maximum internal junction
temperature is 110 °C.
** Operating Frequency: 25 to 65 Hz (operates at 400 Hz with 6 times the offstate leakage)
Time
Second
60HZ
50HZ
0.0167
610
580
0.05
394
375
0.1
300
386
0.2
230
219
0.5
164
156
1
126
120
2
112
106
392
87
489
85
585
81
10
79
75


Similar Part No. - MP240D2

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
MP240D2 CRYDOM-MP240D2 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
List of Unclassifed Man...
MP240D2 ETC2-MP240D2 Datasheet
317Kb / 12P
SOLID-STATE RELAYS
More results

Similar Description - MP240D2

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
Solid-State Relays
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
Solid-State Relays
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
Solid-State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
Solid State Relays
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
Solid State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
Solid-State Relays
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
Solid-state relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
Solid State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com