Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP240D2 Datasheet(PDF) 10 Page - Opto Electronics Co,. LTD

Part # MP240D2
Description  Solid-State Relays
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

MP240D2 Datasheet(HTML) 10 Page - Opto Electronics Co,. LTD

Back Button MP240D2 Datasheet HTML 6Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 7Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 8Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 9Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 10Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 11Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 12Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 13Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 14Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Solid-State Relays
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2006–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
10
AC Power: MP and P Series (cont.)
Thermal Ratings
Dimensional Drawings
Surge Current Data
Time
(Seconds)
Time*
(Cycles)
2-Amp
Peak Amps
4-Amp
Peak Amps
0.017
1
20
85
0.050
3
18
66
0.100
6
15
53
0.200
12
11
45
0.500
30
9
37
160
8.5
31
2
120
8
28
3
180
7.5
27
4
240
7
26
5
300
6.5
25
10
600
6
24
Note: *60 Hz
NOTE: All dimensions are nominal.
Mounted on a heat sink with
2 °C/watt rating


Similar Part No. - MP240D2

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
MP240D2 CRYDOM-MP240D2 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
List of Unclassifed Man...
MP240D2 ETC2-MP240D2 Datasheet
317Kb / 12P
   SOLID-STATE RELAYS
More results

Similar Description - MP240D2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com