Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP240D2 Datasheet(PDF) 7 Page - Opto Electronics Co,. LTD

Part # MP240D2
Description  Solid-State Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

MP240D2 Datasheet(HTML) 7 Page - Opto Electronics Co,. LTD

Back Button MP240D2 Datasheet HTML 3Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 4Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 5Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 6Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 7Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 8Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 9Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 10Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 11Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Solid-State Relays
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2006–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
7
480/575 Volt (cont)
Dimensional Drawings
NOTE: All dimensions are nominal.
Z Series Specifications
AC Power: 120/240 Volt
The Z Series employs a unique heat transfer system that makes it possible for Opto 22 to deliver a low-cost, 10-amp, solid-state
relay in an all-plastic case. The push-on tool-free quick-connect terminals make the Z Series ideal for high-volume OEM
applications. Operating temperature is –40 °C to 100 °C.
NOTE: Part number Z240D10-17 is a replacement part only. Its specifications are identical to Z240D10.
Side view: Part numbers
DC60S3, 120D3, and
240D3 only
Side view: All other
part numbers
+
3-32VDC Control
Z120D10
Z240D10
Nominal AC Line Voltage Nominal
120
240
Current Rating (Amps)
10
10
1 cycle Surge (Amps) Peak
110
110
Nominal Signal Input Resistance (Ohms)
1000
1000
Signal Pick-up Voltage
3VDC (32V
allowed)
3VDC (32V
allowed)
Signal Drop-out Voltage
1 VDC
1 VDC
Peak Repetitive Voltage Maximum
600
600
Maximum Output Voltage Drop
1.6 volts
1.6 volts
Off-State Leakage (mA) Maximum**
6 mA
12 mA
Operating Voltage Range (Volts AC)
12–140
24–280
I2t Rating t=8.3 (ms)
50
50
Isolation Voltage
4,000 VRMS
4,000 VRMS
θjc* (°C/Watt) Dissipation (Watts/Amp)
4
4
Notes:
θjc* = Thermal resistance from internal junction to base. Maximum internal junc-
tion temperature is 110°C.
** Operating Frequency: 25–65 Hz (operates at 400 Hz with 6 times the offstate leakage)


Similar Part No. - MP240D2

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
MP240D2 CRYDOM-MP240D2 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
List of Unclassifed Man...
MP240D2 ETC2-MP240D2 Datasheet
317Kb / 12P
SOLID-STATE RELAYS
More results

Similar Description - MP240D2

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
Solid-State Relays
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
Solid-State Relays
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
Solid-State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
Solid State Relays
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
Solid State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
Solid-State Relays
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
Solid-state relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
Solid State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com