Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD7137-6-12M0 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RD7137-6-12M0
Description  Current-compensated Chokes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RD7137-6-12M0 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RD7137-6-12M0 Datasheet HTML 1Page - List of Unclassifed Manufacturers RD7137-6-12M0 Datasheet HTML 2Page - List of Unclassifed Manufacturers RD7137-6-12M0 Datasheet HTML 3Page - List of Unclassifed Manufacturers RD7137-6-12M0 Datasheet HTML 4Page - List of Unclassifed Manufacturers RD7137-6-12M0 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EMC/EMIProducts
SchaffnerGroup Datasheets 2014
Chokeselectiontable
Choke
Nominal current
Inductance
Resistance
Choke
Input/Output
Pin footprint
Weight
@ 40 °C
L
R
configuration
connections
connections
[A]
[mH/path]
[m​ Ω/path]
[Qty]
[mm]
[g]
RD5122-6-9m6
6
9.6
52.55
2
-02
Ø 1
160
RD5122-10-6m0
10
6
24.25
2
-02
Ø 1.3
160
RD5122-16-2m0
16
2
9.5
2
-02
Ø 1.6
160
RD5132-6-5m0
6
5
38
3
-02
Ø 1
160
RD5132-10-3m0
10
3
17.6
3
-02
Ø 1.3
160
RD5132-16-1m0
16
1
6.9
3
-02
Ø 1.6
160
RD6127-6-15m0
6
15
66.65
2
-07
Ø 1
235
RD6127-10-9m0
10
9
25.9
2
-07
Ø 1.5
235
RD6127-16-3m0
16
3
10.9
2
-07
Ø 1.8
235
RD6137-6-7m5
6
7.5
49
3
-07
Ø 1
235
RD6137-10-4m5
10
4.5
18.35
3
-07
Ø 1.5
235
RD6137-16-1m5
16
1.5
8.3
3
-07
Ø 1.8
235
RD7127-6-25m0
6
25
84.2
2
-07
Ø 1
320
RD7127-10-14m0
10
14
33.5
2
-07
Ø 1.4
350
RD7127-16-5m7
16
5.7
14.1
2
-07
Ø 1.8
370
RD7127-25-2m8
25
2.8
6.4
2
-07
Ø 2.4
400
RD7127-36-1m0
36
1
3.3
2
-07
Ø 2.7
380
RD7137-6-12m0
6
12
60.6
3
-07
Ø 1
340
RD7137-10-6m6
10
6.6
21.9
3
-07
Ø 1.5
380
RD7137-16-2m8
16
2.8
10.7
3
-07
Ø 1.8
380
RD7137-25-1m3
25
1.3
4.45
3
-07
Ø 2.5
440
RD7137-36-0m5
36
0.5
2.75
3
-07
Ø 2.7
400
RD7147-6-6m0
6
6
45.1
4
-07
Ø 1
320
RD7147-10-3m5
10
3.5
19.1
4
-07
Ø 1.4
370
RD7147-16-1m5
16
1.5
8.5
4
-07
Ø 1.8
390
RD7147-25-0m7
25
0.7
3.65
4
-07
Ø 2.4
430
RD7147-36-0m2
36
0.2
2.3
4
-07
Ø 2.5
400
RD8127-16-12m0
16
12
20.05
2
-07
Ø 2
590
RD8127-25-5m0
25
5
8.45
2
-07
Ø 2.4
630
RD8127-36-3m0
36
3
4.55
2
-07
1.5 x 4.5
690
RD8127-50-1m0
50
1
2.5
2
-07
1.7 x 5
640
RD8127-64-0m8
64
0.8
1.6
2
-07
2.5 x 5
710
RD8137-16-5m0
16
5
11.6
3
-07
Ø 2
630
RD8137-25-2m5
25
2.5
6.4
3
-07
Ø 2.4
650
RD8137-36-1m5
36
1.5
3.65
3
-07
1.5 x 4.5
720
RD8137-50-0m6
50
0.6
2.15
3
-07
1.7 x 5
700
RD8137-64-0m5
64
0.5
1.35
3
-07
2.5 x 5
780
RD8147-16-3m0
16
3
9.25
4
-07
Ø 2
650
RD8147-25-1m3
25
1.3
5.05
4
-07
Ø 2.4
650
RD8147-36-0m8
36
0.8
3
4
-07
1.5 x 4.5
760
RD8147-50-0m3
50
0.3
1.75
4
-07
1.7 x 5
740
RD8147-64-0m2
64
0.2
1.1
4
-07
2.5 x 5
820
Test conditions:
Measuring frequency: 1 kHz; 500 μA > 0.16 mH > 1.6 mH; 50 μA > 1.6 mH < 160 mH
Inductance tolerance: +50%, -30%
Resistance tolerance: max. ±15% @ 25 °C; 200 m​, 100 mA
Electrical characteristics @ 25 °C: ±2 °C
2


Similar Part No. - RD7137-6-12M0

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
RD7137-6-12M0 SCHAFFNER-RD7137-6-12M0 Datasheet
473Kb / 5P
   Current-compensated Chokes
More results

Similar Description - RD7137-6-12M0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN102-2-02 ETC2-RN102-2-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN212-2-02 ETC2-RN212-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
RN112-0.6-02 ETC2-RN112-0.6-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN242-6-02 ETC2-RN242-6-02 Datasheet
700Kb / 6P
   Current-compensated Chokes
May 2011
RN202-2-02 ETC2-RN202-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
logo
Schaffner International...
RN102-0.3-02-22M SCHAFFNER-RN102-0.3-02-22M Datasheet
1Mb / 9P
   Current-compensated Chokes
RT8122-6-10M0 SCHAFFNER-RT8122-6-10M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
RD5122-6-9M6 SCHAFFNER-RD5122-6-9M6 Datasheet
473Kb / 5P
   Current-compensated Chokes
logo
Filtran LTD
8420 FILTRAN-8420 Datasheet
103Kb / 1P
   CHOKE Current Compensated Chokes
logo
Pulse A Technitrol Comp...
FE2X03-8-3NL PULSE-FE2X03-8-3NL Datasheet
470Kb / 2P
   Current Compensated Noise Suppression Chokes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com