Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC212L Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BC212L
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC212L Datasheet(HTML) 2 Page - Continental Device India Limited

  BC212L Datasheet HTML 1Page - Continental Device India Limited BC212L Datasheet HTML 2Page - Continental Device India Limited BC212L Datasheet HTML 3Page - Continental Device India Limited BC212L Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 4
ELECTRICAL CHARACTERISTICS (Ta=25°C unless otherwise specified)
Characteristic
Characteristic
Characteristic
Characteristic
Characteristic
Symbol
Symbol
Symbol
Symbol
Symbol Min
Min
Min
Min
Min Typ
Typ
Typ
Typ
Typ Max
Max
Max
Max
Max
Unit
Unit
Unit
Unit
Unit
Collector Emitter Voltage
IC=2mA, IB=0
BC212L
BVCEO
50
-
-
V
BC214L
30
-
-
V
Collector Base Voltage
IC=10uA, IE=0
BC212L
BVCBO
60
-
-
V
BC214L
45
-
-
V
Emitter Base Voltage
IE=10uA, IC=0
BVEBO
5-
-
V
Collector Cutoff Current
VCB=30V, IE=0
ICBO
--
15
nA
Emitter Cutoff Current
VEB=4V, IC=0
IEBO
--
15
nA
DC Current Gain
IC=10uA, VCE=5V
BC212L
hFE
40
-
-
-
BC214L
100
-
-
-
IC=2mA, VCE=5V
BC212L
60
-
-
-
BC214L
140
-
600
-
IC=100mA, VCE=5V*
-
120
-
-
Collector Emitter Sat. Voltage
VCE(sat)
-
0.10
-
V
IC=10mA, IB=0.5mA
-
0.25
0.6
V
IC=100mA, IB=5mA*
Base Emitter Sat. Voltage
VBE(sat)
-
1.00
1.4
V
IC=100mA, IB=5mA
Base Emitter On Voltage
VBE(on) 0.60 0.62 0.72
V
IC=2mA, VCE=5V
DYNAMIC CHARACTERISTICS
Transition Frequency
IC=10mA, VCE=5V, f=50MHz BC212L
fT
-
280
-
MHz
BC214L
-
320
-
MHz
Output Capacitance
VCB=10V, IE=0,f=1MHz
Cob
-
-
6.0
pF
Noise Figure
IC=200uA, VCE=5V, Rs=2kΩ
BC212L
NF
--
10
dB
f=1KHz, f=200Hz
IC=0.2mA, VCE=5V, Rs=2kΩ
BC214L
--
2
dB
f=30 Hz t o 15 KHz
BC212L, BC212LA, BC212LB
BC214L, BC214LB, BC214LC


Similar Part No. - BC212L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC212L FAIRCHILD-BC212L Datasheet
313Kb / 7P
   PNP General Purpose Amplifier
logo
Micro Electronics
BC212L MICRO-ELECTRONICS-BC212L Datasheet
62Kb / 1P
   COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTOR
logo
List of Unclassifed Man...
BC212L ETC-BC212L Datasheet
75Kb / 1P
   Low Level and General Purpose Amplifiers
logo
Fairchild Semiconductor
BC212LB FAIRCHILD-BC212LB Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
More results

Similar Description - BC212L

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC413 MICRO-ELECTRONICS-BC413 Datasheet
130Kb / 2P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
First Components Intern...
BC557 FCI-BC557 Datasheet
367Kb / 1P
   Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com