Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB011D Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AT45DB011D
Description  1-megabit 2.7-volt Minimum DataFlash
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB011D Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AT45DB011D Datasheet HTML 1Page - List of Unclassifed Manufacturers AT45DB011D Datasheet HTML 2Page - List of Unclassifed Manufacturers AT45DB011D Datasheet HTML 3Page - List of Unclassifed Manufacturers AT45DB011D Datasheet HTML 4Page - List of Unclassifed Manufacturers AT45DB011D Datasheet HTML 5Page - List of Unclassifed Manufacturers AT45DB011D Datasheet HTML 6Page - List of Unclassifed Manufacturers AT45DB011D Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB011D Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB011D Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
5
3639K–DFLASH–6/2014
AT45DB011D
6.
Read Commands
By specifying the appropriate opcode, data can be read from the main memory or from the
SRAM data buffer. The DataFlash supports RapidS protocols for Mode 0 and Mode 3. Please
refer to the “Detailed Bit-level Read Timing” diagrams in this datasheet for details on the clock
cycle sequences for each mode.
6.1
Continuous Array Read (Legacy Command – E8H): Up to 66MHz
By supplying an initial starting address for the main memory array, the Continuous Array Read
command can be utilized to sequentially read a continuous stream of data from the device by
simply providing a clock signal; no additional addressing information or control signals need to
be provided. The DataFlash incorporates an internal address counter that will automatically
increment on every clock cycle, allowing one continuous read operation without the need of
additional address sequences. To perform a continuous read from the DataFlash standard page
size (264-bytes), an opcode of E8H must be clocked into the device followed by three address
bytes (which comprise the 24-bit page and byte address sequence) and four don’t care bytes.
The first nine bits (PA8 - PA0) of the 18-bit address sequence specify which page of the main
memory array to read, and the last nine bits (BA8 - BA0) of the 18-bit address sequence specify
the starting byte address within the page. To perform a continuous read from the binary page
size (256-bytes), the opcode (E8H) must be clocked into the device followed by three address
bytes and four don’t care bytes. The first nine bits (A16 - A8) of the 17-bits sequence specify
which page of the main memory array to read, and the last eight bits (A7 - A0) of the 18-bits
address sequence specify the starting byte address within the page. The don’t care bytes that
follow the address bytes are needed to initialize the read operation. Following the don’t care
bytes, additional clock pulses on the SCK pin will result in data being output on the SO (serial
output) pin.
The CS pin must remain low during the loading of the opcode, the address bytes, the don’t care
bytes, and the reading of data. When the end of a page in main memory is reached during a
Continuous Array Read, the device will continue reading at the beginning of the next page with
no delays incurred during the page boundary crossover (the crossover from the end of one page
to the beginning of the next page). When the last bit in the main memory array has been read,
the device will continue reading back at the beginning of the first page of memory. As with cross-
ing over page boundaries, no delays will be incurred when wrapping around from the end of the
array to the beginning of the array.
A low-to-high transition on the CS pin will terminate the read operation and tri-state the output
pin (SO). The maximum SCK frequency allowable for the Continuous Array Read is defined by
the fCAR1 specification. The Continuous Array Read bypasses the data buffer and leaves the
contents of the buffer unchanged.
6.2
Continuous Array Read (High Frequency Mode – 0BH): Up to 66MHz
This command can be used with the serial interface to read the main memory array sequentially
in high speed mode for any clock frequency up to the maximum specified by fCAR1. To perform a
continuous read array with the page size set to 264-bytes, the CS must first be asserted then an
opcode 0BH must be clocked into the device followed by three address bytes and a dummy
byte. The first 9 bits (PA8 - PA0) of the 18-bit address sequence specify which page of the main
memory array to read, and the last nine bits (BA8 - BA0) of the 18-bit address sequence specify
the starting byte address within the page. To perform a continuous read with the page size set to
256-bytes, the opcode, 0BH, must be clocked into the device followed by three address bytes


Similar Part No. - AT45DB011D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011D ATMEL-AT45DB011D Datasheet
1Mb / 52P
1-megabit 2.7-volt DataFlash
AT45DB011D ATMEL-AT45DB011D Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
AT45DB011D-MH-SL954 ATMEL-AT45DB011D-MH-SL954 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
AT45DB011D-MH-SL954 ATMEL-AT45DB011D-MH-SL954 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
More results

Similar Description - AT45DB011D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
1-Megabit 2.7-volt Only Serial DataFlash
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB011 ATMEL-AT45DB011_01 Datasheet
253Kb / 20P
1-megabit 2.7-volt Only Serial DataFlash
AT45DB011B ATMEL-AT45DB011B_06 Datasheet
408Kb / 32P
1-megabit 2.7-volt Only DataFlash
AT45DB011D ATMEL-AT45DB011D_07 Datasheet
1Mb / 52P
1-megabit 2.7-volt DataFlash
AT45DB011D ATMEL-AT45DB011D_08 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
AT45DB021D ATMEL-AT45DB021D_08 Datasheet
1Mb / 52P
2-megabit 2.7-volt Minimum DataFlash
AT45DB021D ATMEL-AT45DB021D_09 Datasheet
1Mb / 54P
2-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D_12 Datasheet
1Mb / 51P
1-megabit 2.7-volt Minimum DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com