Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AF2-3507 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AF2-3507
Description  2410 Fast Acting Surface Mount Fuses
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AF2-3507 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  AF2-3507 Datasheet HTML 1Page - List of Unclassifed Manufacturers AF2-3507 Datasheet HTML 2Page - List of Unclassifed Manufacturers AF2-3507 Datasheet HTML 3Page - List of Unclassifed Manufacturers AF2-3507 Datasheet HTML 4Page - List of Unclassifed Manufacturers AF2-3507 Datasheet HTML 5Page - List of Unclassifed Manufacturers AF2-3507 Datasheet HTML 6Page - List of Unclassifed Manufacturers AF2-3507 Datasheet HTML 7Page - List of Unclassifed Manufacturers AF2-3507 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Rev. Dec. 11
41
Website: www.aemchina.com & www.aemcomponents.com
Fuse Selection and Temperature De-rating Guideline
The ambient temperature affects the
current carrying capacity of fuses.
When a fuse is operating at a
temperature higher than 25oC, the
fuse shall be ―de-rated‖.
To select a fuse from the catalog, the
following rule may be followed:
Catalog Fuse Current Rating =
Nominal Operating Current / 0.75 / %
De-rating at the maximum operating
temperature.
Example: At maximum operating
temperature of 65oC, % De-rating is
90%. The nominal operating current is
4 A. The current rating for fuse
selected from the catalog shall be:
4 / 0.75 / 90% = 5.9 or 6.3 A.
Temperature Effect On Current Rating
50
55
60
65
70
75
80
85
90
95
100
105
110
-55
-35
-15
5
25
45
65
85
105
125
Maximum Operating Temperature(℃)
AirMatrixTM 2410 Fast Acting Surface Mount Fuses
Chip Size
Parts on
7 inch (178 mm) Reel
2410 (6125)
2,000
Packaging Data


Similar Part No. - AF2-3507

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AF2 ALTECH-AF2 Datasheet
372Kb / 1P
   30 mm Non-Illuminated Flush Momentary Metal Operator AFx
logo
List of Unclassifed Man...
AF20 ETC2-AF20 Datasheet
85Kb / 1P
   CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
Quectel Wireless Soluti...
AF20 QUECTEL-AF20 Datasheet
682Kb / 2P
   Wi-Fi & BT* Module with Ultra-compact LGA Package
AF20-Q4A QUECTEL-AF20-Q4A Datasheet
682Kb / 2P
   Wi-Fi & BT* Module with Ultra-compact LGA Package
logo
List of Unclassifed Man...
AF2000 ETC1-AF2000 Datasheet
294Kb / 1P
   AF1000 TO 6000
More results

Similar Description - AF2-3507

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-1206F BOURNS-SF-1206F Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF0603F BOURNS-SF0603F Datasheet
633Kb / 4P
   Fast Acting Surface Mount Fuses
SF-1206F050-2 BOURNS-SF-1206F050-2 Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0402F BOURNS-SF-0402F Datasheet
374Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0603F050-2 BOURNS-SF-0603F050-2 Datasheet
366Kb / 4P
   Fast Acting Surface Mount Fuses
logo
Tyco Electronics
0402SFF100F MACOM-0402SFF100F Datasheet
180Kb / 4P
   Raychem Fast Acting Surface-Mount Fuses
logo
List of Unclassifed Man...
F1206FA0500V063T ETC2-F1206FA0500V063T Datasheet
103Kb / 3P
   1206 Fast Acting Surface Mount Fuses
logo
Bourns Electronic Solut...
SF-0603FPXXXF BOURNS-SF-0603FPXXXF Datasheet
496Kb / 5P
   Fast Acting Precision Surface Mount Fuses
SF-0603FPXXXM BOURNS-SF-0603FPXXXM Datasheet
405Kb / 5P
   Fast Acting Precision Surface Mount Fuses
logo
List of Unclassifed Man...
F0402FA0500V024T ETC2-F0402FA0500V024T Datasheet
97Kb / 4P
   0402 Fast Acting Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com