Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AF2-3507 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AF2-3507
Description  2410 Fast Acting Surface Mount Fuses
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AF2-3507 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AF2-3507 Datasheet HTML 1Page - List of Unclassifed Manufacturers AF2-3507 Datasheet HTML 2Page - List of Unclassifed Manufacturers AF2-3507 Datasheet HTML 3Page - List of Unclassifed Manufacturers AF2-3507 Datasheet HTML 4Page - List of Unclassifed Manufacturers AF2-3507 Datasheet HTML 5Page - List of Unclassifed Manufacturers AF2-3507 Datasheet HTML 6Page - List of Unclassifed Manufacturers AF2-3507 Datasheet HTML 7Page - List of Unclassifed Manufacturers AF2-3507 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. Dec. 11
Website: www.aemchina.com & www.aemcomponents.com
36
AirMatrixTM 2410 Fast Acting Surface Mount Fuses
Marking: White marking character code
Ordering Information:
0.5 A:C; 0.63 A:S; 0.75 A:D; 1.0 A:E; 1.25 A:F; 1.5 A:G; 2.0 A:I; 2.5 A:J; 3.0 A:K; 3.15 A:V;
3.5 A:L; 4.0 A:M; 5.0 A:N; 6.3 A:O; 7.0 A:P; 8.0 A:R; 10.0 A:Q; 12.0 A: X; 15.0 A:Y; 20.0 A:Z.
Part Number
Current
Rating
(A)
Voltage Rating
(V)
Interrupting Rating
Nominal
Cold DCR
(Ω)1
Nominal I2t
(A2s)2
Agency Approval
AC
DC
UL
PSE TUV CQC
AF2-0.50V125TM
0.5
250
125
0.231
0.1
TUV:
0.5 ~ 2 A
100 A @ 250 VAC
50 A @ 125 VDC
CQC:
0.5 A、1 A、2 A
100 A @ 250 VAC
50 A @ 125 VDC
PSE:
1 ~ 5 A
50 A @ 125 VAC
UL:
0.5 ~ 2 A
100A @ 250VAC
1.5 ~8 A
50A @125VAC
0.5 ~ 8 A
50 A @ 125 VDC
300 A @ 32 VDC
AF2-0.63V125TM
0.63
250
125
0.174
0.16
AF2-0.75V125TM
0.75
250
125
0.148
0.23
AF2-1.00V125TM
1.0
250
125
0.093
0.59
AF2-1.25V125TM
1.25
250
125
0.07
0.96
AF2-1.50V125TM
1.5
250
125
0.062
1.19
AF2-2.00V125TM
2.0
250
125
0.042
2.75
AF2-2.50V125TM
2.5
125
125
0.031
1.21
AF2-3.00V125TM
3.0
125
125
0.0249
1.73
AF2-3.15V125TM
3.15
125
125
0.0232
2.2
AF2-3.50V125TM
3.5
125
125
0.022
2.5
AF2-4.00V125TM
4.0
125
125
0.0172
4.1
AF2-5.00V125TM
5.0
125
125
0.0143
5.9
AF2-6.30V125TM
6.3
125
125
0.01
12.5
AF2-7.00V125TM
7.0
125
125
0.0094
14.2
AF2-8.00V125TM
8.0
125
125
0.0086
20.3
AF2-10.0V125TM
10.0
125
125
35 A@ 125 VAC
50 A @ 125 VDC
300 A @ 32 VDC
0.0066
29.2
AF2-12.0V065TM
12.0
65
65
50 A @ 65 VAC
50 A @ 65 VDC
300 A @ 32 VDC
0.0053
49.2
AF2-15.0V065TM
15.0
65
65
0.0038
102.5
AF2-20.0V065TM
20.0
65
65
50 A @ 65 VAC
100 A @ 65 VDC
300 A @ 32 VDC
0.0034
126.2
1. Measured at ≤ 10% rated current and 25ºC ambient
2. Melting I2t at 0.001 seconds pre-arcing time


Similar Part No. - AF2-3507

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AF2 ALTECH-AF2 Datasheet
372Kb / 1P
   30 mm Non-Illuminated Flush Momentary Metal Operator AFx
logo
List of Unclassifed Man...
AF20 ETC2-AF20 Datasheet
85Kb / 1P
   CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
Quectel Wireless Soluti...
AF20 QUECTEL-AF20 Datasheet
682Kb / 2P
   Wi-Fi & BT* Module with Ultra-compact LGA Package
AF20-Q4A QUECTEL-AF20-Q4A Datasheet
682Kb / 2P
   Wi-Fi & BT* Module with Ultra-compact LGA Package
logo
List of Unclassifed Man...
AF2000 ETC1-AF2000 Datasheet
294Kb / 1P
   AF1000 TO 6000
More results

Similar Description - AF2-3507

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-1206F BOURNS-SF-1206F Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF0603F BOURNS-SF0603F Datasheet
633Kb / 4P
   Fast Acting Surface Mount Fuses
SF-1206F050-2 BOURNS-SF-1206F050-2 Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0402F BOURNS-SF-0402F Datasheet
374Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0603F050-2 BOURNS-SF-0603F050-2 Datasheet
366Kb / 4P
   Fast Acting Surface Mount Fuses
logo
Tyco Electronics
0402SFF100F MACOM-0402SFF100F Datasheet
180Kb / 4P
   Raychem Fast Acting Surface-Mount Fuses
logo
List of Unclassifed Man...
F1206FA0500V063T ETC2-F1206FA0500V063T Datasheet
103Kb / 3P
   1206 Fast Acting Surface Mount Fuses
logo
Bourns Electronic Solut...
SF-0603FPXXXF BOURNS-SF-0603FPXXXF Datasheet
496Kb / 5P
   Fast Acting Precision Surface Mount Fuses
SF-0603FPXXXM BOURNS-SF-0603FPXXXM Datasheet
405Kb / 5P
   Fast Acting Precision Surface Mount Fuses
logo
List of Unclassifed Man...
F0402FA0500V024T ETC2-F0402FA0500V024T Datasheet
97Kb / 4P
   0402 Fast Acting Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com