Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS288 Datasheet(PDF) 102 Page - Microsemi Corporation

Part # CS288
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CS288 Datasheet(HTML) 102 Page - Microsemi Corporation

Back Button CS288 Datasheet HTML 98Page - Microsemi Corporation CS288 Datasheet HTML 99Page - Microsemi Corporation CS288 Datasheet HTML 100Page - Microsemi Corporation CS288 Datasheet HTML 101Page - Microsemi Corporation CS288 Datasheet HTML 102Page - Microsemi Corporation CS288 Datasheet HTML 103Page - Microsemi Corporation CS288 Datasheet HTML 104Page - Microsemi Corporation CS288 Datasheet HTML 105Page - Microsemi Corporation CS288 Datasheet HTML 106Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 197 page
background image
SmartFusion DC and Switching Characteristics
2- 90
R e v i sio n 1 2
Inter-Integrated Circuit (I2C) Characteristics
This section describes the DC and switching of the I2C interface. Unless otherwise noted, all output
characteristics given are for a 100 pF load on the pins. For timing parameter definitions, refer to Figure 2-
48 on page 2-91.
Table 2-101 • I2C Characteristics
Commercial Case Conditions: TJ = 85ºC, VDD = 1.425 V, –1 Speed Grade
Parameter
Definition
Condition
Value
Unit
VIL
Minimum input low voltage
–
SeeTable 2-36 on
page 2-30
–
Maximum input low voltage
–
See Table 2-36
–
VIH
Minimum input high voltage
–
See Table 2-36
–
Maximum input high voltage
–
See Table 2-36
–
VOL
Maximum output voltage low
IOL =8mA
See Table 2-36
–
IIL
Input current high
–
See Table 2-36
–
IIH
Input current low
–
See Table 2-36
–
Vhyst
Hysteresis of Schmitt trigger
inputs
–
See Table 2-33 on
page 2-29
V
TFALL
Fall time 2
VIHmin to VILMax, Cload = 400 pF
15.0
ns
VIHmin to VILMax, Cload = 100 pF
4.0
ns
TRISE
Rise time 2
VILMax to VIHmin, Cload = 400pF
19.5
ns
VILMax to VIHmin, Cload = 100pF
5.2
ns
Cin
Pin capacitance
VIN = 0, f = 1.0 MHz
8.0
pF
Rpull-up
Output buffer maximum pull-
down Resistance 1
–50
Ω
Rpull-down
Output buffer maximum pull-up
Resistance 1
–
150
Ω
Dmax
Maximum data rate
Fast mode
400
Kbps
tLOW
Low period of I2C_x_SCL 3
–
1
pclk cycles
tHIGH
High period of I2C_x_SCL 3
–
1
pclk cycles
tHD;STA
START hold time 3
–
1
pclk cycles
tSU;STA
START setup time 3
–
1
pclk cycles
tHD;DAT
DATA hold time 3
–
1
pclk cycles
tSU;DAT
DATA setup time 3
–
1
pclk cycles
Notes:
1. These maximum values are provided for information only. Minimum output buffer resistance values depend on
VCCxxxxIOBx, drive strength selection, temperature, and process. For board design considerations and detailed output
buffer resistances, use the corresponding IBIS models located on the SoC Products Group website at
http://www.microsemi.com/index.php?option=com_microsemi&Itemid=489&lang=en&view=salescontact.
2. These values are provided for a load of 100 pF and 400 pF. For board design considerations and detailed output buffer
resistances,
use
the
corresponding
IBIS
models
located
on
the
SoC
Products
Group
website
at
http://www.microsemi.com/index.php?option=com_microsemi&Itemid=489&lang=en&view=salescontact.
3. For allowable Pclk configurations, refer to the Inter-Integrated Circuit (I2C) Peripherals section in the SmartFusion
Microcontroller Subsystem User’s Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com