Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC847X7J000F Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC847X7J000F
Description  DIP 16pin (4-channel) General Purpose Photocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC847X7J000F Datasheet(HTML) 1 Page - Sharp Corporation

  PC847X7J000F Datasheet HTML 1Page - Sharp Corporation PC847X7J000F Datasheet HTML 2Page - Sharp Corporation PC847X7J000F Datasheet HTML 3Page - Sharp Corporation PC847X7J000F Datasheet HTML 4Page - Sharp Corporation PC847X7J000F Datasheet HTML 5Page - Sharp Corporation PC847X7J000F Datasheet HTML 6Page - Sharp Corporation PC847X7J000F Datasheet HTML 7Page - Sharp Corporation PC847X7J000F Datasheet HTML 8Page - Sharp Corporation PC847X7J000F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1. Recognized by UL1577 (Double protection isolation),
file No. E64380 (as model No. PC817)
2. Package resin : UL flammability grade (94V-0)
■ Features
■ Agency approvals/Compliance
1. I/O isolation for MCUs (Micro Controller Units)
2. Noise suppression in switching circuits
3. Signal transmission between circuits of different po-
tentials and impedances
■ Applications
DIP 16pin (4-channel)
General Purpose
Photocoupler
1. 16pin DIP 4-channnel package
2. Double transfer mold package (ldeal for Flow Solder-
ing)
3. High collector-emitter voltage (VCEO : 80V)
4. Current transfer ratio (CTR : MIN. 50% at IF=5mA,
VCE=5V)
5. Several CTR ranks available
6. High isolation voltage between input and output
(Viso(rms) : 5.0kV)
7. Lead-free and RoHS directive compliant
■ Description
PC847XJ0000F Series contains an IRED optically
coupled to a phototransistor.
It is packaged in a 4-channel package, available in
SMT gullwing lead-form option.
Input-output isolation voltage(rms) is 5.0kV.
Collector-emitter voltage is 80V and CTR is 50% to
600% at input current of 5mA.
1
Sheet No.: D2-A03202EN
Date Jun. 30. 2005
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
PC847XJ0000F
Series
1-channel package type is also available.
(model No. PC817XJ0000F Series)
PC847XJ0000F Series


Similar Part No. - PC847X7J000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC847X SHARP-PC847X Datasheet
254Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
Date Sep. 30. 2003
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
More results

Similar Description - PC847X7J000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
PC844X SHARP-PC844X Datasheet
212Kb / 12P
DIP 16pin (4-channel) AC Input Photocoupler
PC817XI3J00F SHARP-PC817XI3J00F Datasheet
265Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817XI1J00F SHARP-PC817XI1J00F Datasheet
265Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X1 SHARP-PC817X1 Datasheet
267Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817X4J000F SHARP-PC817X4J000F Datasheet
286Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817XPJ000F SHARP-PC817XPJ000F Datasheet
265Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X0J000F SHARP-PC817X0J000F Datasheet
265Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
logo
COSMO Electronics Corp...
KP4040 COSMO-KP4040_15 Datasheet
304Kb / 11P
16PIN PHOTODARLINGTON PHOTOCOUPLER
logo
Sharp Corporation
PC714V0NSZXF SHARP-PC714V0NSZXF Datasheet
211Kb / 13P
DIP 6 pin General Purpose Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com