Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R-1 Datasheet(PDF) 4 Page - Continental Device India Limited

Part # R-1
Description  R-1 Axial Plastic Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

R-1 Datasheet(HTML) 4 Page - Continental Device India Limited

  R-1 Datasheet HTML 1Page - Continental Device India Limited R-1 Datasheet HTML 2Page - Continental Device India Limited R-1 Datasheet HTML 3Page - Continental Device India Limited R-1 Datasheet HTML 4Page - Continental Device India Limited R-1 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
R-1 Package and Packaging
Packaging Information
Package/
Packaging Type
Std. Packing
Case Type
Qty
Qty
Size L x W x H
Gross Weight Qty Size L x W x H Gross Weight
(cm)
(Kg)
(cm)
(Kg)
R-1
T&A
5,000
5K
27 x 8 x 14
1.75
50K
40 x 27 x 30
13.4
T & A: Tape and Ammo Pack
R1_Pkg_Drawing Rev041005
All Dimensions are in mm
AMMO PACKING FOR R-1
Inner Carton
Outer Carton
Continental Device India Limited
Data Sheet
Page
4 of 5


Similar Part No. - R-1

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
R-1 YENYO-R-1 Datasheet
330Kb / 1P
   Dimensions in inches and
logo
TE Connectivity Ltd
R-10224-16 TEC-R-10224-16 Datasheet
118Kb / 3P
   Temperature Sensor
R-10256-23 TEC-R-10256-23 Datasheet
149Kb / 3P
   MEAS STATOR RTD
R-10494-3 TEC-R-10494-3 Datasheet
118Kb / 3P
   Temperature Sensor
logo
Systemsensor advanced i...
R-10E SYSTEMSENSOR-R-10E Datasheet
273Kb / 2P
   Multi-Voltage Conventional Relays
More results

Similar Description - R-1

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
A-405 CDIL-A-405 Datasheet
76Kb / 5P
   A-405 Axial Plastic Package
DO-15 CDIL-DO-15 Datasheet
254Kb / 5P
   DO-15 Axial Plastic Package
DO-201AD CDIL-DO-201AD Datasheet
157Kb / 5P
   DO-201AD Axial Plastic Package
DO-41P CDIL-DO-41P Datasheet
200Kb / 5P
   DO-41P Axial Plastic Package
logo
Jiangsu High diode Semi...
1F1 HDSEMI-1F1 Datasheet
1Mb / 4P
   R-1 Plastic-Encapsulate Diodes
1A1 HDSEMI-1A1 Datasheet
1Mb / 4P
   R-1 Plastic-Encapsulate Diodes
1F10 HDSEMI-1F10 Datasheet
1Mb / 4P
   R-1 Plastic-Encapsulate Diodes
1F1G HDSEMI-1F1G Datasheet
1Mb / 4P
   R-1 Plastic-Encapsulate Diodes
1H1 HDSEMI-1H1 Datasheet
1Mb / 4P
   R-1 Plastic-Encapsulate Diodes
1S20-1S100 HDSEMI-1S20-1S100 Datasheet
1Mb / 4P
   R-1 Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com